전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9888 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 TDA9888
상세설명  DVB selective AGC amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9888 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button TDA9888 Datasheet HTML 7Page - NXP Semiconductors TDA9888 Datasheet HTML 8Page - NXP Semiconductors TDA9888 Datasheet HTML 9Page - NXP Semiconductors TDA9888 Datasheet HTML 10Page - NXP Semiconductors TDA9888 Datasheet HTML 11Page - NXP Semiconductors TDA9888 Datasheet HTML 12Page - NXP Semiconductors TDA9888 Datasheet HTML 13Page - NXP Semiconductors TDA9888 Datasheet HTML 14Page - NXP Semiconductors TDA9888 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2004 Nov 02
11
Philips Semiconductors
Product specification
DVB selective AGC amplifier
TDA9888TS; TDA9889TS
Standard switch S0 and S1; pins S0 and S1; see Tables 1 or 2
Vi
input voltage
for LOW
0
2V
for HIGH
2.5
VP
V
Vfr(S0,S1)
free-running voltage at pin S0
or pin S1
pin open-circuit;
Ifr(S0,S1) < 0.1 µA
3.5
V
Ri
input resistance
37
k
Standard switch S2; pin S2; see Table 3
Vi
input voltage
for LOW
0
0.8
V
for MID
1.3
2V
for HIGH
2.5
VP
V
Vfr(S2)
free-running voltage at pin S2
pin open-circuit;
Ifr(S2) < 0.1 µA
1.65
V
Ri
input resistance
25
k
Reference input; pin REF; note 6
VI
DC input voltage
2.3
2.6
2.9
V
Ri
input resistance
1.5
2
2.5
k
Ci
input capacitance
2
pF
Rxtal
resonance resistance of crystal operation as crystal oscillator
−−
200
Cx
pull-up/down capacitance
note 7
depends on crystal type
pF
fref
frequency of reference signal
4
MHz
∆fref
tolerance of reference
frequency
note 8
−−±100 ×
10−6
Vref(p-p)
amplitude of reference signal
source (peak-to-peak value)
operation as input terminal
230
1100
mV
Ro(ref)
allowed output resistance of
external reference source
−−
4.7
k
CK
decoupling capacitance to
external reference source
operation as input terminal
22
100
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TDA9888

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881HN NXP-TDA9881HN Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881TS NXP-TDA9881TS Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
More results

유사한 설명 - TDA9888

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
Texas Instruments
SN761666 TI-SN761666 Datasheet
156Kb / 9P
[Old version datasheet]   AGC AMPLIFIER
SN761643 TI1-SN761643 Datasheet
842Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
OKI electronic componet...
KGF2441 OKI-KGF2441 Datasheet
88Kb / 6P
   AGC Amplifier
logo
Texas Instruments
SN761643 TI1-SN761643_14 Datasheet
520Kb / 8P
[Old version datasheet]   AGC AMPLIFIER
SN761663 TI-SN761663 Datasheet
211Kb / 9P
[Old version datasheet]   AGC Amplifier
logo
ANADIGICS, Inc
ATA01501 ANADIGICS-ATA01501 Datasheet
417Kb / 12P
   AGC Transimpedance Amplifier
ATA06211 ANADIGICS-ATA06211 Datasheet
212Kb / 8P
   AGC Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com