전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1552T 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TEA1552T
상세설명  GreenChipII SMPS control IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1552T 데이터시트(HTML) 4 Page - NXP Semiconductors

  TEA1552T Datasheet HTML 1Page - NXP Semiconductors TEA1552T Datasheet HTML 2Page - NXP Semiconductors TEA1552T Datasheet HTML 3Page - NXP Semiconductors TEA1552T Datasheet HTML 4Page - NXP Semiconductors TEA1552T Datasheet HTML 5Page - NXP Semiconductors TEA1552T Datasheet HTML 6Page - NXP Semiconductors TEA1552T Datasheet HTML 7Page - NXP Semiconductors TEA1552T Datasheet HTML 8Page - NXP Semiconductors TEA1552T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2002 Aug 27
4
Philips Semiconductors
Product specification
GreenChip
™II SMPS control IC
TEA1552
BLOCK DIAGRAM
handbook, full pagewidth
SUPPLY
MANAGEMENT
internal
supply
UVLO
start
M-level
VCC
8
10
13
300
1
3
GND
STDBY
S1
CTRL
FREQUENCY
CONTROL
VOLTAGE
CONTROLLED
OSCILLATOR
LOGIC
LOGIC
OVER-
VOLTAGE
PROTECTION
OVER-POWER
PROTECTION
short
winding
soft
start
S2
OVER-
TEMPERATURE
PROTECTION
SQ
R
UVLO
Q
MAXIMUM
ON-TIME
PROTECTION
POWER-ON
RESET
−1
VALLEY
TEA1552
100 mV
clamp
DRIVER
START-UP
CURRENT SOURCE
12
LOCK
VCOadj
0.88 V
0.5 V
5.6 V
2
11
Isense
VCC(5V)
4
DRIVER
MBL499
14
DEM
7
DRAIN
5, 6
HVS
OCP
LEB
blank
Iss
lock
detect
2.5 V
SQ
R
VCC < 4.5 V
Q
5 V/1 mA
(max)
Fig.2 Block diagram.


유사한 부품 번호 - TEA1552T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1553T NXP-TEA1553T Datasheet
149Kb / 27P
   GreenChip II SMPS control IC
Rev. 01-3 July 2007
More results

유사한 설명 - TEA1552T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1654 PHILIPS-TEA1654 Datasheet
119Kb / 24P
   GreenChipII SMPS control IC
2003 May 12
TEA1507 PHILIPS-TEA1507 Datasheet
114Kb / 20P
   GreenChipII SMPS control IC
2000 Dec 05
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1533AP PHILIPS-TEA1533AP Datasheet
117Kb / 24P
   GreenChip SMPS control IC
2002 Aug 23
TEA1833LTS PHILIPS-TEA1833LTS Datasheet
255Kb / 24P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1832TS PHILIPS-TEA1832TS Datasheet
242Kb / 23P
   GreenChip SMPS control IC
Rev. 1-16 December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com