전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1861-E 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 LB1861-E
상세설명  Two-Phase Half-Wave Variable Speed Fan Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1861-E 데이터시트(HTML) 4 Page - ON Semiconductor

  LB1861-E Datasheet HTML 1Page - ON Semiconductor LB1861-E Datasheet HTML 2Page - ON Semiconductor LB1861-E Datasheet HTML 3Page - ON Semiconductor LB1861-E Datasheet HTML 4Page - ON Semiconductor LB1861-E Datasheet HTML 5Page - ON Semiconductor LB1861-E Datasheet HTML 6Page - ON Semiconductor LB1861-E Datasheet HTML 7Page - ON Semiconductor LB1861-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
.
From this relation, it can be observed that the ‘to’ and ‘ton’ are in proportional relation with each other, and that the ‘ton/to
equals the ‘on’ time duty. As a result, a certain rotation speed can be fixed despite the fact that rotation speed exclusively
depends on each motor.
.
At the start, the ‘ton’ value becomes longer while the ‘toff’ value remains unchanged. This means that the ‘toff/to’ duty becomes
small enough compared to normal rotation mode. Therefore, the same start torque as that of the full speed rotation can be
obtained because the ‘on’ operation time duty increases. This enables the motor to start at a very low speed.
(2) Supply voltage (VIN pin)
.
The LB1860 has the internal parallel regulator which supplies power to the Hall amplifier circuit and the control block.
Therefore, the driver ICs are not affected by power source fluctuations and kickbacks from the motor. They maintain the stable
operations even if noise signals such as surge are generated.
.
Set the resistance R1 between VCC and VIN so that the ICC current of 6 mA to 50 mA can flow onto the VIN pin within the
supply voltage range of a fan motor.
.
VIN is 6.7 V typ at ICC = 7 mA.
.
The current flowing into VIN is calculated using the equation shown below.
ICC =
V
CC –VIN
R1
............................ 2
.
Consideration given to surge voltage
.
The maximum allowable current at VIN pin is 200 mA. Therefore, the pin is designed to withstand abnormal positive voltage of:
Vsurge
=
VIN +R1 × 200 mA ............................................ 3
(3) Hall input pin voltage (Pins IN
,IN+)
.
Set the voltage levels of the input pin for the Hall element output and the Hall element output voltage to within the range of
0 V to VIN – 1.5 V.
.
The gain between the hall input pin and the output pin is 100 dB or greater. The offset voltage of the hall input amp is
±7mV,
therefore, the hall element output must be set with the offset voltage (
±7 mV) considered.
(4) Output transistor (Pins OUT1, OUT2)
.
Output current
IO = 1.5 A max
.
Output saturation voltage
VO sat = 1.15 V/1.0 A typ
.
Output limiting voltage
VOLM = 57 V typ (LB1860, 1860M)
VOLM = 32 V typ (LB1861,1861M)
.
Since the LB1860 series have a protect zener diode between collector and base, the kickback voltage induced by the coil is cut
at VOLM = 57 V (32 V). When external capacitors are connected between OUT and GND, the capacitance should not exceed
10 µF.
(5) Output protection function (C pin)
.
Capacitor pin used in forming an automatic return circuit.
.
If rotation is stopped due to overload, the pin voltage level increases and then forces the output to become inactive. In this case,
after proper load adjustment, the output returns to the ‘drive’ mode from the ‘stop’ mode automatically. By changing the
capacitor value, the lock detect time period can be set.
For C marked with 1 µF
Lock detect time
Approximately 2 sec.
Lock protect time (output ON)
Approximately 1 sec.
(output OFF)
Approximately 6 sec.
Rotation
Output ON
Output OFF
Output
ON
Output OFF
Rotation
Lock
Lock release
Automatic Return Circuit C Pin Voltage
LB1860,1860M,1861,1861M
No. 4


유사한 부품 번호 - LB1861-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1861 SANYO-LB1861 Datasheet
79Kb / 6P
   Variable Speed Fan Motor Driver
LB1861M SANYO-LB1861M Datasheet
79Kb / 6P
   Variable Speed Fan Motor Driver
More results

유사한 설명 - LB1861-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11668M SANYO-LB11668M Datasheet
153Kb / 4P
   For Fan Motor Two-Phase Half-Wave Driver
logo
Rohm
BA6406F ROHM-BA6406F_12 Datasheet
509Kb / 16P
   Two-Phase Half-Wave Pre Driver Fan Motor Driver
BA6506F ROHM-BA6506F_12 Datasheet
402Kb / 16P
   Two-Phase Half-Wave Pre Driver Fan Motor Driver
logo
Sanyo Semicon Device
LB1965M SANYO-LB1965M Datasheet
61Kb / 6P
   Two-Phase Unipolar Driver for Variable-Speed Fan Motor
LB1967M SANYO-LB1967M Datasheet
35Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
LB1966M SANYO-LB1966M Datasheet
32Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
logo
List of Unclassifed Man...
AMC8500 ETC2-AMC8500 Datasheet
715Kb / 27P
   TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
logo
Texas Instruments
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com