전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST5486 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SST5486
상세설명  N-Channel JFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST5486 데이터시트(HTML) 5 Page - Vishay Siliconix

  SST5486 Datasheet HTML 1Page - Vishay Siliconix SST5486 Datasheet HTML 2Page - Vishay Siliconix SST5486 Datasheet HTML 3Page - Vishay Siliconix SST5486 Datasheet HTML 4Page - Vishay Siliconix SST5486 Datasheet HTML 5Page - Vishay Siliconix SST5486 Datasheet HTML 6Page - Vishay Siliconix SST5486 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2N/SST5484 Series
Vishay Siliconix
Document Number: 70246
S-04028—Rev. E, 04-Jun-01
www.vishay.com
7-5
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
VGS – Gate-Source Voltage (V)
VGS – Gate-Source Voltage (V)
Transfer Characteristics
VGS(off) = –2 V
TA = –55_C
125
_C
Transfer Characteristics
TA = –55_C
125
_C
VGS(off) = –3 V
25
_C
VGS – Gate-Source Voltage (V)
Transconductance vs. Gate-Source Voltage
VGS(off) = –2 V
TA = –55_C
125
_C
25
_C
VGS – Gate-Source Voltage (V)
Transconductance vs. Gate-Source Voltage
TA = –55_C
125
_C
25
_C
VGS(off) = –3 V
ID – Drain Current (mA)
ID – Drain Current (mA)
On-Resistance vs. Drain Current
Circuit Voltage Gain vs. Drain Current
0.1
1
10
TA = 25_C
–3 V
VGS(off) = –2 V
10
0.1
A
V +
g
fs RL
1
) R
Lgos
Assume VDD = 15 V, VDS = 5 V
R
L +
10 V
I
D
VGS(off) = –2 V
–3 V
10
0
8
6
4
2
0
–2
–0.4
–0.8
–1.2
–1.6
300
0
240
180
120
60
10
0
8
6
4
2
0
–3
–0.6
–1.2
–1.8
–2.4
10
0
8
6
4
2
0
–2
–0.4
–0.8
–1.2
–1.6
10
0
8
6
4
2
0
–3
–0.6
–1.2
–1.8
–2.4
100
0
80
60
40
20
VDS = 10 V
VDS = 10 V
VDS = 10 V
f = 1 kHz
VDS = 10 V
f = 1 kHz
1
25
_C


유사한 부품 번호 - SST5486

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SST5486 VISHAY-SST5486 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
More results

유사한 설명 - SST5486

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com