전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q20 데이터시트(PDF) 10 Page - XP Power Limited

부품명 Q20
상세설명  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  XPPOWER [XP Power Limited]
홈페이지  http://www.xppower.com
Logo XPPOWER - XP Power Limited

Q20 데이터시트(HTML) 10 Page - XP Power Limited

Back Button Q20 Datasheet HTML 6Page - XP Power Limited Q20 Datasheet HTML 7Page - XP Power Limited Q20 Datasheet HTML 8Page - XP Power Limited Q20 Datasheet HTML 9Page - XP Power Limited Q20 Datasheet HTML 10Page - XP Power Limited Q20 Datasheet HTML 11Page - XP Power Limited Q20 Datasheet HTML 12Page - XP Power Limited Q20 Datasheet HTML 13Page - XP Power Limited Q20 Datasheet HTML 14Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
4752CM01
PAGE 10
Program Screen
PARAMETER
VALUE
WEIGHT
1 OUNCE (28.3 GRAMS)
VOLUME
0.614 CU INCHES (10.06 CU CM)
DIMENSIONS
0.85L (21.59) X 0.85W (21.59) X 0.85H (21.59)
WIRE
COLOR
FUNCTION
1
RED
INPUT (+)
2
BLACK
INPUT (-)
3
BROWN
HV OUTPUT
4
VIOLET
HV RETURN
Q SERIES
MECHANICAL SPECIFICATIONS(6,000V - 10,000V)
WWW.XPPOWER.COM
TOP
VIEW
SIDE
VIEW
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127)


유사한 부품 번호 - Q20

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
Q20 BANNER-Q20 Datasheet
476Kb / 8P
   Q20 Series Sensor
logo
Powerbox
Q20-5 POWERBOX-Q20-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Jauch Quartz Gmbh
Q20.0-JO22H-D-1.8-1 JAUCH-Q20.0-JO22H-D-1.8-1 Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
Q20.0-JO22H-D-1.8-1-T1 JAUCH-Q20.0-JO22H-D-1.8-1-T1 Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
Q20.0-JO22H-E-1.8-1 JAUCH-Q20.0-JO22H-E-1.8-1 Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
More results

유사한 설명 - Q20

제조업체부품명데이터시트상세설명
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com