전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC373A 데이터시트(PDF) 8 Page - Diodes Incorporated

부품명 74LVC373A
상세설명  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC373A 데이터시트(HTML) 8 Page - Diodes Incorporated

Back Button 74LVC373A Datasheet HTML 2Page - Diodes Incorporated 74LVC373A Datasheet HTML 3Page - Diodes Incorporated 74LVC373A Datasheet HTML 4Page - Diodes Incorporated 74LVC373A Datasheet HTML 5Page - Diodes Incorporated 74LVC373A Datasheet HTML 6Page - Diodes Incorporated 74LVC373A Datasheet HTML 7Page - Diodes Incorporated 74LVC373A Datasheet HTML 8Page - Diodes Incorporated 74LVC373A Datasheet HTML 9Page - Diodes Incorporated 74LVC373A Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
74LVC373A
Document number: DS35893 Rev. 1 - 2
8 of 10
www.diodes.com
June 2014
© Diodes Incorporated
74LVC373A
Package Outline Dimensions (All Dimensions in mm)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(1) TSSOP-20
(2) QFN-20 (V-QFN4525-20)
TSSOP-20
Dim
Min
Max
Typ
A
-
1.20
-
A1
0.05
0.15
-
A2
0.80
1.05
-
b
0.19
0.30
-
c
0.09
0.20
-
D
6.40
6.60
6.50
E
6.20
6.60
6.40
E1
4.30
4.50
4.40
e
0.65 BSC
L
0.45
0.75
0.60
L1
1.0 REF
θ1
-
θ2
10°
14°
12°
θ3
10°
14°
12°
All Dimensions in mm
V-QFN4525-20
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0.00
0.05
0.02
A3
-
-
0.15
b
0.18
0.30
0.23
D
4.45
4.55
4.50
D2
2.85
3.15
3.00
E
2.45
2.55
2.50
E2
0.85
1.15
1.00
e
0.50BSC
L
0.30
0.50
0.40
Z
-
-
0.385
Z1
-
-
0.885
All Dimensions in mm
ID MARK
PIN 1
e
D
E
E1
A2
A
A1
b
DETAIL
Seating Plane
θ1
Gauge Plane
0.25
L
L1
θ2
θ3
A
A 3
S e a t i n g P l a n e
A 1
P i n # 1 I D
D
E
b
2 0 x
E 2
L
2 0 x
D 2
e
Z
4 x
Z 1
4 x


유사한 부품 번호 - 74LVC373A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
STMicroelectronics
74LVC373A STMICROELECTRONICS-74LVC373A Datasheet
289Kb / 13P
   OCTAL D-TYPE LATCH HIGH PERFORMANCE
logo
ON Semiconductor
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
74LVC373A-Q100 NEXPERIA-74LVC373A-Q100 Datasheet
741Kb / 19P
   Octal D-type transparent latch with 5 V tolerant
More results

유사한 설명 - 74LVC373A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com