전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U1604B 데이터시트(PDF) 3 Page - Keysight Technologies

부품명 U1604B
상세설명  Handheld Digital Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1604B 데이터시트(HTML) 3 Page - Keysight Technologies

  U1604B Datasheet HTML 1Page - Keysight Technologies U1604B Datasheet HTML 2Page - Keysight Technologies U1604B Datasheet HTML 3Page - Keysight Technologies U1604B Datasheet HTML 4Page - Keysight Technologies U1604B Datasheet HTML 5Page - Keysight Technologies U1604B Datasheet HTML 6Page - Keysight Technologies U1604B Datasheet HTML 7Page - Keysight Technologies U1604B Datasheet HTML 8Page - Keysight Technologies U1604B Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
03 | Keysight | U1600 Series Handheld Digital Oscilloscopes - Data Sheet
Clearly distinguish your waveform
The U1600 Series models come with a color display, which allows
you to quickly and clearly identify your signal between two
channels. The large LCD display – 4.5” with 320 x 240 resolution
– makes it much easier for you to view more pieces of information
at one glance.
Capture signal deviations, glitches and
dropouts effectively
The U1600 Series offers the best product speciication for users.
This instrument provides a real-time sampling rate of up to 200
MSa/s. Use the U1600 Series to capture both instantaneous and
repetitive signal anomalies effectively.
High-precision zoom-in capability in
deep memory
With 125 kilobytes of physical memory, you can capture non-
repeating signals at a higher sampling rate over a wider time
base. With up to 125 000 points recording length, you can quickly
zoom in the segment of interest and uncover even the most subtle
details of the signal at a given time-base setting.
Isolate and analyze the signal you want
to see
The U1600 Series comes with lexible triggering capabilities
that allow you to isolate and capture the condition you want to
characterize. The advanced triggering function includes edge,
pulse width, pattern, and video signal triggering, giving you the
lexibility needed to best capture your signal.
Figure 1 High-deinition of color resolution in large 4.5” LCD display allows you to
quickly distinguish and identify your signals and observe signal activity.
Before Zoom
After Zoom
Figure 2 With up to 125 000 points recording length, use the zoom-in function to
magnify a signal to the segment of your interest and scrutinize subtle details of
your signals.


유사한 부품 번호 - U1604B

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

유사한 설명 - U1604B

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
Agilent(Hewlett-Packard...
U1600 HP-U1600 Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com