전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9235BRU-20 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD9235BRU-20
상세설명  12-Bit, 20/40/65 MSPS 3 V A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9235BRU-20 데이터시트(HTML) 5 Page - Analog Devices

  AD9235BRU-20 Datasheet HTML 1Page - Analog Devices AD9235BRU-20 Datasheet HTML 2Page - Analog Devices AD9235BRU-20 Datasheet HTML 3Page - Analog Devices AD9235BRU-20 Datasheet HTML 4Page - Analog Devices AD9235BRU-20 Datasheet HTML 5Page - Analog Devices AD9235BRU-20 Datasheet HTML 6Page - Analog Devices AD9235BRU-20 Datasheet HTML 7Page - Analog Devices AD9235BRU-20 Datasheet HTML 8Page - Analog Devices AD9235BRU-20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
REV. B
–5–
AD9235
ABSOLUTE MAXIMUM RATINGS
1
With
Pin Name
Respect to Min
Max
Unit
ELECTRICAL
AVDD
AGND
–0.3
+3.9
V
DRVDD
DGND
–0.3
+3.9
V
AGND
DGND
–0.3
+0.3
V
AVDD
DRVDD
–3.9
+3.9
V
Digital Outputs
DGND
–0.3
DRVDD + 0.3
V
CLK, MODE
AGND
–0.3
AVDD + 0.3
V
VIN+, VIN–
AGND
–0.3
AVDD + 0.3
V
VREF
AGND
–0.3
AVDD + 0.3
V
SENSE
AGND
–0.3
AVDD + 0.3
V
REFB, REFT
AGND
–0.3
AVDD + 0.3
V
PDWN
AGND
–0.3
AVDD + 0.3
V
ENVIRONMENTAL
2
Operating Temperature
–40
+85
°C
Junction Temperature
150
°C
Lead Temperature (10 sec)
300
°C
Storage Temperature
–65
+150
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Typical thermal impedances (28-lead TSSOP),
θ
JA = 67.7
°C/W; (32-lead LFCSP),
θ
JA = 32.5
°C/W, θ
JC = 32.71
°C/W. These measurements were taken on a 4-layer
board in still air, in accordance with EIA/JESD51-1.
EXPLANATION OF TEST LEVELS
I
100% production tested.
II
100% production tested at 25
°C and sample tested at
specified temperatures.
III Sample tested only.
IV Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI 100% production tested at 25
°C; guaranteed by design and
characterization testing for industrial temperature range;
100% production tested at temperature extremes for military
devices.
ORDERING GUIDE
Model
Temperature Range Package Description
Package Option
AD9235BRU-20
–40
°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD9235BRU-40
–40
°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD9235BRU-65
–40
°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD9235BCP-20
*
–40
°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP) (Contact Factory) CP-32
AD9235BCP-40
*
–40
°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP) (Contact Factory) CP-32
AD9235BCP-65
*
–40
°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP)
CP-32
AD9235-20PCB
TSSOP Evaluation Board
AD9235-40PCB
TSSOP Evaluation Board
AD9235-65PCB
TSSOP Evaluation Board
AD9235BCP-20EB
LFCSP Evaluation Board (Contact Factory)
AD9235BCP-40EB
LFCSP Evaluation Board (Contact Factory)
AD9235BCP-65EB
LFCSP Evaluation Board
*It is recommended that the exposed paddle be soldered to the ground plane. There is an increased reliability of the solder joints and maximum thermal capability of
the package is achieved with exposed paddle soldered to the customer board.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9235 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


유사한 부품 번호 - AD9235BRU-20

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9235BRU-20 AD-AD9235BRU-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRU-20 AD-AD9235BRU-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRU-20 AD-AD9235BRU-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRU-20 AD-AD9235BRU-20 Datasheet
833Kb / 41P
   3V A/D Converter
More results

유사한 설명 - AD9235BRU-20

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-65 AD-AD9235BCPZ-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-20EBZ AD-AD9235BCP-20EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com