전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11650 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 LB11650
상세설명  PWM Input Forward/Reverse Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11650 데이터시트(HTML) 1 Page - ON Semiconductor

  LB11650 Datasheet HTML 1Page - ON Semiconductor LB11650 Datasheet HTML 2Page - ON Semiconductor LB11650 Datasheet HTML 3Page - ON Semiconductor LB11650 Datasheet HTML 4Page - ON Semiconductor LB11650 Datasheet HTML 5Page - ON Semiconductor LB11650 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
93003TN (OT) No.7390-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
LB11650
Overview
The LB11650 is a full bridge driver that supports switching between forward and reverse directions. It operates in one
of four modes under application control: forward, reverse, brake, and open. It also supports direct PWM control from
an external signal. The LB11650 is optimal for driving brush DC motors and bipolar stepping motors.
Features
 Supports PWM input
 Built-in high and low side diodes
 Simultaneous on state prevention function (prevents through currents)
 Built-in thermal shutdown circuit (latching type)
 High and low side short circuit protection function (latching type overcurrent protection)
 Externally controllable modes: forward, reverse, brake, open
 Standby mode function
Specifications
Absolute Maximum Ratings at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
unit
Motor supply voltage
VM max
30
V
Peak output current
IO PEAK
tW ≤ 10μs
2.0
A
Continuous output current
IO max
LVS pin
1.5
A
Logic system supply voltage
VCC max
Independent IC
7.0
V
Allowable power dissipation
Pd max
When mounted on a glass epoxy circuit board
(reference value) : 114.3 mm
76.1 mm1.6 mm
3.5
W
Operating temperature
Topr
–20 to +85
C
Storage temperature
Tstg
–55 to +150
C
Package Dimensions
unit : mm
Monolithic Digital IC
PWM Input Forward/Reverse
Motor Driver
Ordering number : EN7390
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
SIP14HZ
14
1
26.8
(20.0)
0.8
1.6
2.2
4.0
(R1.7)
0.5
0.4
(1.83)
1.78
HEAT SPREADER


유사한 부품 번호 - LB11650

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11650 SANYO-LB11650 Datasheet
56Kb / 6P
   PWM Input Forward/Reverse Motor Driver
LB11650H SANYO-LB11650H Datasheet
52Kb / 6P
   PWM Input Forward/Reverse Motor Driver
More results

유사한 설명 - LB11650

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11651H SANYO-LB11651H Datasheet
56Kb / 6P
   PWM Input Forward/Reverse Motor Driver
LB11651 SANYO-LB11651 Datasheet
54Kb / 6P
   PWM Input Forward/Reverse Motor Driver
LB11650H SANYO-LB11650H Datasheet
52Kb / 6P
   PWM Input Forward/Reverse Motor Driver
LB11650 SANYO-LB11650 Datasheet
56Kb / 6P
   PWM Input Forward/Reverse Motor Driver
logo
ON Semiconductor
LB11651 ONSEMI-LB11651 Datasheet
115Kb / 6P
   PWM Input Forward/Reverse Motor Driver
July, 2013
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com