전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK5C4U332J-E 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 STK5C4U332J-E
상세설명  Intelligent Power Module (IPM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5C4U332J-E 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button STK5C4U332J-E Datasheet HTML 3Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 4Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 5Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 6Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 7Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 8Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 9Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 10Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STK5C4U332J-E
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 5 VCE versus ID for different temperatures
(VDD = 15 V)
Figure 4 VF versus ID for different temperatures
Figure 8 EON versus ID for different temperatures
Figure 6 Thermal impedance plot
Figure 7 EOFF versus ID for different temperatures
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCE, COLLECTOR-EMITTER VOLTAGE (V)
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF, FOWERD VOLTAGE (V)
0.0
0.1
0.2
0.3
0.4
0.5
01234
5678
IC, COLLECTOR CURRENT (A)
0.00
0.01
0.02
0.03
0.04
0.05
01
234
5678
IC, COLLECTOR CURRENT (A)
0.0
0.2
0.4
0.6
0.8
1.0
0.000001
0.0001
0.01
1
100
ON-PULSE WIDTH (S)
TJ = 25C
TJ = 25C
TJ = 25C
TJ = 25C
TJ = 100C
TJ = 100C
TJ = 100C
TJ = 100C
Figure 9 Turn-on waveform Tj = 100
C, VCC = 400 V
Figure 10 Turn-off waveform Tj = 100
C, VCC = 400 V
X:100ns/div
Io:2A/div
Vce: 100V/div
Vce: 100V/div
X:100ns/div
Io:2A/div


유사한 부품 번호 - STK5C4U332J-E

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK500 ETC1-STK500 Datasheet
2Mb / 61P
   User Guide
logo
ATMEL Corporation
STK500 ATMEL-STK500 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
logo
SHENZHEN DOINGTER SEMIC...
STK5006P DOINGTER-STK5006P Datasheet
1Mb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STK5006P VBSEMI-STK5006P Datasheet
2Mb / 9P
   N-Channel 60 V (D-S) MOSFET
logo
ATMEL Corporation
STK501 ATMEL-STK501 Datasheet
1Mb / 29P
   STK500 Compatible
More results

유사한 설명 - STK5C4U332J-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com