전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK5C4U332J-E 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 STK5C4U332J-E
상세설명  Intelligent Power Module (IPM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5C4U332J-E 데이터시트(HTML) 4 Page - ON Semiconductor

  STK5C4U332J-E Datasheet HTML 1Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 2Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 3Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 4Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 5Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 6Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 7Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 8Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
STK5C4U332J-E
www.onsemi.com
4
PIN FUNCTION DESCRIPTION
Pin
Name
Description
1
GND
Negative Main Supply
2
VDD
+15 V Main Supply
3
HINU
Logic Input High Side Gate Driver - Phase U
4
HINV
Logic Input High Side Gate Driver - Phase V
5
HINW
Logic Input High Side Gate Driver - Phase W
6
LINU
Logic Input Low Side Gate Driver - Phase U
7
LINV
Logic Input Low Side Gate Driver - Phase V
8
LINW
Logic Input Low Side Gate Driver - Phase W
9
FAULT
Fault output
10
ITRIP
Current protection pin
11
ENABLE
Enable input
12
RCIN
R,C connection terminal for setting FAULT clear time
13
TH1
Thermistor output 1
14
TH2
Thermistor output 2
17
NU
Low Side Emitter Connection - Phase U
18
NV
Low Side Emitter Connection - Phase V
19
NW
Low Side Emitter Connection - Phase W
20
W
W phase output. Internally connected to W phase high side driver ground
22
VBW
High Side Floating Supply Voltage for W phase
26
V
V phase output. Internally connected to V phase high side driver ground
28
VBV
High Side Floating Supply voltage for V phase
32
U
U phase output. Internally connected to U phase high side driver ground
34
VBU
High Side Floating Supply voltage for U phase
38
VP
Positive Bus Input Voltage
Note : Pins 15, 16, 21, 23, 24, 25, 27, 29, 30, 31, 33, 35, 36, 37 are not present


유사한 부품 번호 - STK5C4U332J-E

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK500 ETC1-STK500 Datasheet
2Mb / 61P
   User Guide
logo
ATMEL Corporation
STK500 ATMEL-STK500 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
logo
SHENZHEN DOINGTER SEMIC...
STK5006P DOINGTER-STK5006P Datasheet
1Mb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STK5006P VBSEMI-STK5006P Datasheet
2Mb / 9P
   N-Channel 60 V (D-S) MOSFET
logo
ATMEL Corporation
STK501 ATMEL-STK501 Datasheet
1Mb / 29P
   STK500 Compatible
More results

유사한 설명 - STK5C4U332J-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com