전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK5F1U3C3D-E 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 STK5F1U3C3D-E
상세설명  Inverter Power IPM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5F1U3C3D-E 데이터시트(HTML) 5 Page - ON Semiconductor

  STK5F1U3C3D-E Datasheet HTML 1Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 2Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 3Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 4Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 5Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 6Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 7Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 8Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STK5F1U3C3D-E
www.onsemi.com
5
Test Circuit
(The tested phase: U+ shows the upper side of the U phase and U
 shows the lower side of the U phase.)
 ICE / IR(BD)
U+
V+
W+
U-
V-
W-
M
42
42
42
34
30
26
N
34
30
26
38
38
38
U(BD)
V(BD)
W(BD)
M
1
4
7
N
20
20
20
 VCE(SAT) (Test by pulse)
U+
V+
W+
U-
V-
W-
M
42
42
42
34
30
26
N
34
30
26
17
19
21
m
10
11
12
13
14
15
 VF (Test by pulse)
U+
V+
W+
U-
V-
W-
M
42
42
42
34
30
26
N
34
30
26
38
38
38
 ID
VD1
VD2
VD3
VD4
M
1
4
7
19
N
2
5
8
20
ICE
1
M
A
VD1=15V
2
4
VD2=15V
5
VCE
7
VD3=15V
8
19
VD4=15V
20
N
1
M
VD1=15V
2
4
VD2=15V
5
V
Ic
7
VD3=15V
VCE(SAT)
8
19
VD4=15V
5V
m
N
20
21
M
V
VF
IF
N
ID
A
M
VD*
N
Fig.1
Fig.3
Fig.4
Fig.2


유사한 부품 번호 - STK5F1U3C3D-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
More results

유사한 설명 - STK5F1U3C3D-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E3D-E ONSEMI-STK5F1U3E3D-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
291Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com