전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-CE31-QTQ00 데이터시트(PDF) 5 Page - Agilent(Hewlett-Packard)

부품명 HLMP-CE31-QTQ00
상세설명  T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CE31-QTQ00 데이터시트(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-CE31-QTQ00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CE31-QTQ00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CE31-QTQ00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CE31-QTQ00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CE31-QTQ00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CE31-QTQ00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CE31-QTQ00 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Figure 4. Maximum forward current vs.
ambient temperature.
Figure 5. Color vs. forward current.
Figure 6. Spatial radiation pattern – 15
° lamps.
0
0
AMBIENT TEMPERATURE – °C
40
80
35
30
25
15
10
20
60
100
120
5
20
40
0
498
FORWARD CURRENT – mA
15
25
520
506
10
20
512
30
5
502
508
500
504
510
514
516
518
1.0
0
ANGLE – DEGREES
0.5
-30
0
30
50
-50
10
-20 -10
20
-40
40
Notes:
1. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
2. The radiant intensity, le in watts per steradian, may be found from the equation le = Iv/
ηV, where Iv is the luminous intensity in candelas and ηV
is the luminous efficacy in lumens/watt.
Electrical/Optical Characteristics at TA = 25˚C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
3.8
4.0
V
IF = 20 mA
Reverse Voltage
VR
10
IR = 100 µA
Capacitance
C
40
pF
VF = 0, f = 1 MHz
Thermal Resistance
R
θJ-PIN
240
°C/W
LED Junction-to-Cathode Lead
Dominant Wavelength
λd
505
nm
IF = 20 mA
Peak Wavelength
λPEAK
502
nm
Peak of Wavelength of Spectral
Distribution at IF = 20 mA
Spectral Halfwidth
∆λ1/2
35
nm
Wavelength Width at Spectral
Distribution Power Point at
IF = 20 mA
Luminous Efficacy
ηV
350
lm/W
Emitted luminous power/
Emitted radiant power
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs.
forward current.
WAVELENGTH – nm
400
600
1.0
0.6
0
550
500
450
0.4
0.8
0.2
0
0
FORWARD CURRENT – mA
15
25
1.4
0.8
0.6
520
1.2
30
0.2
1.0
0.4
10
2
0
VF – FORWARD VOLTAGE – V
3.6
20
15
2.8
30
5
10
25
2.4
3.2
4.0


유사한 부품 번호 - HLMP-CE31-QTQ00

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE31-SVC00 AVAGO-HLMP-CE31-SVC00 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CE31-SVCDD AVAGO-HLMP-CE31-SVCDD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CE31-SVCXX AVAGO-HLMP-CE31-SVCXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CE31-SVQ00 AVAGO-HLMP-CE31-SVQ00 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CE31-SVQDD AVAGO-HLMP-CE31-SVQDD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

유사한 설명 - HLMP-CE31-QTQ00

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com