전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U1168A 데이터시트(PDF) 5 Page - Agilent(Hewlett-Packard)

부품명 U1168A
상세설명  Agilent U1210 Series Handheld Clamp Meters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1168A 데이터시트(HTML) 5 Page - Agilent(Hewlett-Packard)

  U1168A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
4
General Specifications
Title
Specification
Dimension
• U1211A: 106 mm (W) X 273 mm (L) X 43 mm (H)
• U1212A and U1213A: 106 mm (W) X 260 mm (L) X 43 mm (H)
Net Weight
• U1211A: 625 grams with batteries included
• U1212A and U1213A: 525 grams with batteries included
Display
4 digits with maximum reading 4,100 counts. The 12 Segments analog bar graph and full
annunciator. Automatic polarity indication.
Battery
Standard 9 V Battery - Alkaline
Low battery indicator
Battery voltage drops below 6.0 V
Power consumption
• U1211A: 186 mVA maximum
• U1212A and U1213A: 220 mVA maximum
Battery life
60 hours (typical)
Connectivity
Wireless Bluetooth compatible
Maximum jaw opening
~2 inches
Temperature coefficient
0.12 x (specified accuracy)/°C (from 0 to 18 °C or 28 to 50 °C)
NMRR (Normal Mode Rejection Ratio)
This series has a NMRR specification of > 60 dB at 50 Hz and 60 Hz, which means a good
ability to reject the effect of AC noise in DC measurement
CMRR (Common Mode Rejection Ratio)
• U1211A and U1212A have CMRR specifications of > 60 dB at DC to 60 Hz in the ACV
function; and > 80 dB at DC, 50 Hz and 60 Hz in the DCV function.
• U1213A has a CMRR specifications of > 60 dB at DC to 60 Hz in the ACV function;
and > 120 dB at DC, 50 Hz and 60 Hz in the DCV function.
Operating temperature
–10 to 50 °C, 0 to 80 % R.H.
Storage temperature
–20 to 60 °C, 0 to 80 % R.H.
Relative Humidity (R.H.)
Maximum 80 % R.H. for temperature up to 31 °C decreasing linearly to 50 % R.H. at 50 °C
Temperature coefficient
0.1 × (specified accuracy) / °C (from 0 °C to 18 °C or 28 °C to 50 °C)
Safety compliance
EN/IEC 61010-1:2001, ANSI/UL 61010-1:2004, and CAN/CSA-C22.2 No.61010-1-04
Measurement category
CAT III 1000 V/ CAT IV 600 V
EMC compliance
• Certified to IEC61326-1:2005/ EN61326-1:2006
• CISPR 11:2003/ EN 55011:2007 Group 1 class A
• Canada: ICES-001:2004
• Australia/New Zealand: AS/NZS CISPR11:2004


유사한 부품 번호 - U1168A

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
U1168A HP-U1168A Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
U1168A HP-U1168A Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
U1168A HP-U1168A Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1168A HP-U1168A Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1168A HP-U1168A Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

유사한 설명 - U1168A

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
U1210 KEYSIGHT-U1210 Datasheet
2Mb / 17P
   Handheld Clamp Meters
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
227Kb / 12P
   Clamp Meters
logo
Agilent(Hewlett-Packard...
U1701B HP-U1701B Datasheet
370Kb / 6P
   Agilent U1701B Handheld Capacitance Meter
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Keysight Technologies
U1731C KEYSIGHT-U1731C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com