전자부품 데이터시트 검색엔진 |
|
U1185A 데이터시트(PDF) 8 Page - Agilent(Hewlett-Packard) |
|
U1185A 데이터시트(HTML) 8 Page - Agilent(Hewlett-Packard) |
8 / 9 page 7 HANGING KIT CARRYING CASE U1171A Magnetic hanging kit For fastening of DMM to a steel surface so both hands are free. U1172A Transit case (aluminium-clad) The robust casing to transport your DMM and accessories • Aluminum-clad, black panel construction • Dimension: 18” (H) x 13” (W) x 6“ (D) • Weight: 4 kg U1174A Soft carrying case The convenient way to carry your DMM and essential accessories • Dimension: 9” (H) x 5” (W) x 3” (D) MEASURING ACCESSORIES (TEMPERATURE) U1180A Thermocouple adapter+lead kit, J and K types Includes thermocouple adapter, thermocouple bead J-type and thermocouple bead K-type. • T/C adapter J/K-type • T/C bead J-type: –20 °C to 200 °C • T/C bead K-type: –20 °C to 200 °C U1183A Air temperature probe • Type-K T/C for use in air and non-caustic gas • Measurement range: –50 ºC to 800 ºC • Includes adapter U1184A for connection to DMM U1186A K-type thermocouple and adapter • T/C adapter J/K-type • T/C bead J-type: –20 °C to 200 °C U1181A Immersion temperature probe • Type-K T/C for use in oil and other liquids • Measurement range: –50 °C to 700 ºC • Includes adapter U1184A for connection to DMM U1184A Temperature probe adapter • Mini-connector-to-banana-plug adapter for use with DMM U1182A Industrial surface temperature probe • Type-K T/C for use on still surfaces • Measurement range: –50 ºC to 400 ºC • Includes adapter U1184A for connection to DMM U1185A J-type thermocouple and adapter • T/C adapter J/K-type • T/C bead J-type: –20 °C to 200 °C |
유사한 부품 번호 - U1185A |
|
유사한 설명 - U1185A |