전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD16327Q3 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD16327Q3
상세설명  25-V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16327Q3 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CSD16327Q3 Datasheet HTML 2Page - Texas Instruments CSD16327Q3 Datasheet HTML 3Page - Texas Instruments CSD16327Q3 Datasheet HTML 4Page - Texas Instruments CSD16327Q3 Datasheet HTML 5Page - Texas Instruments CSD16327Q3 Datasheet HTML 6Page - Texas Instruments CSD16327Q3 Datasheet HTML 7Page - Texas Instruments CSD16327Q3 Datasheet HTML 8Page - Texas Instruments CSD16327Q3 Datasheet HTML 9Page - Texas Instruments CSD16327Q3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TC - Case Temperature (qC)
-50
-25
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
D012
VDS - Drain-to-Source Voltage (V)
0.1
1
10
100
0.1
1
10
100
1000
D010
100 ms
10 ms
1 ms
100 µs
10 µs
TAV - Time in Avalanche (ms)
0.01
0.1
1
10
100
D011
TC = 25q C
TC = 125q C
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
0.6
0.8
1
1.2
1.4
1.6
D008
VGS = 4.5 V
VSD - Source-to-Drain Voltage (V)
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
100
D009
TC = 25°C
TC = 125°C
6
CSD16327Q3
SLPS371A – DECEMBER 2011 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: CSD16327Q3
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
ID = 24 A
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
Single pulse, max RθJC = 1.7°C/W
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
Figure 12. Maximum Drain Current vs Temperature


유사한 부품 번호 - CSD16327Q3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results

유사한 설명 - CSD16327Q3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD16570Q5B TI1-CSD16570Q5B_16 Datasheet
410Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
CSD16570Q5B TI-CSD16570Q5B_15 Datasheet
920Kb / 15P
[Old version datasheet]   CSD16570Q5B 25-V N-Channel NexFET Power MOSFET
CSD16321Q5 TI-CSD16321Q5_V01 Datasheet
602Kb / 13P
[Old version datasheet]   CSD16321Q5 25-V N-Channel NexFET??Power MOSFET
MAY 2017
CSD16340Q3 TI1-CSD16340Q3_16 Datasheet
280Kb / 14P
[Old version datasheet]   CSD16340Q3 25-V N-Channel NexFET??Power MOSFET
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com