전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HC4538NSR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HC4538NSR
상세설명  High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4538NSR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button CD74HC4538NSR Datasheet HTML 4Page - Texas Instruments CD74HC4538NSR Datasheet HTML 5Page - Texas Instruments CD74HC4538NSR Datasheet HTML 6Page - Texas Instruments CD74HC4538NSR Datasheet HTML 7Page - Texas Instruments CD74HC4538NSR Datasheet HTML 8Page - Texas Instruments CD74HC4538NSR Datasheet HTML 9Page - Texas Instruments CD74HC4538NSR Datasheet HTML 10Page - Texas Instruments CD74HC4538NSR Datasheet HTML 11Page - Texas Instruments CD74HC4538NSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
R to Q
tPHL
CL = 50pF
4.5
-
-
40
-
50
-
60
ns
CL = 15pF
5
-
17
-
-
-
-
-
ns
R to QtPLH
CL = 50pF
4.5
-
-
50
-
63
-
75
ns
CL = 15pF
5
-
21
-
-
-
-
-
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Output Pulse Width
RX = 10k, CX = 0.1µF
τ
CL = 50pF
5
0.63
-
0.77
0.602
0.798
0.595
0.805
ms
Output Pulse Width Match,
Same Package
--
-
-
±1-
-
-
-
-
%
Power Dissipation Capacitance
(Notes 8, 9)
CPD
CL = 15pF
5
-
134
-
-
-
-
-
pF
Input Capacitance
CI
CL = 50pF
-
10
-
10
-
10
-
10
pF
NOTES:
8. CPD is used to determine the dynamic power consumption, per one shot.
9. PD =(CPD +CX)VCC
2 f
i ∑(CL VCC
2 f
O) where fi = input frequency, fO = output frequency, CL = output load capacitance,
CX = external capacitance VCC = supply voltage assuming fi «
Switching Specifications CL = 50pF, Input tr, tf = 6ns, RX = 10KΩ, CX = 0 (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
I
τ
--
Test Circuits and Waveforms
FIGURE 6. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 7. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD54HC4538, CD74HC4538, CD54HCT4538, CD74HCT4538


유사한 부품 번호 - CD74HC4538NSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC4538NSR TI-CD74HC4538NSR Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538NSRE4 TI-CD74HC4538NSRE4 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538NSRG4 TI-CD74HC4538NSRG4 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
More results

유사한 설명 - CD74HC4538NSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC4538 TI-CD54HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538_07 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538-Q1 TI1-CD74HC4538-Q1 Datasheet
341Kb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DUAL RETRIGGERABLE PRECISION MONOSTABLE MULTIVIBRATOR
logo
Nexperia B.V. All right...
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
   Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
   Dual retriggerable precision monostable multivibrator
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
74HC_HCT4538 PHILIPS-74HC_HCT4538_15 Datasheet
150Kb / 24P
   Dual retriggerable precision monostable multivibrator
Rev. 03-8 June 2009
logo
Nexperia B.V. All right...
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com