전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK541UC60C-E 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 STK541UC60C-E
상세설명  Inverter Power IPM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK541UC60C-E 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button STK541UC60C-E Datasheet HTML 6Page - ON Semiconductor STK541UC60C-E Datasheet HTML 7Page - ON Semiconductor STK541UC60C-E Datasheet HTML 8Page - ON Semiconductor STK541UC60C-E Datasheet HTML 9Page - ON Semiconductor STK541UC60C-E Datasheet HTML 10Page - ON Semiconductor STK541UC60C-E Datasheet HTML 11Page - ON Semiconductor STK541UC60C-E Datasheet HTML 12Page - ON Semiconductor STK541UC60C-E Datasheet HTML 13Page - ON Semiconductor STK541UC60C-E Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
STK5F4U3C2D-E
No.A2299-10/15
Recommended Operating Conditions at Tc = 25C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VCC
P to NU,NV,NW
0
280
450
V
Pre-driver supply voltage
VD1,2,3
VB1 –VS1,VB2 –VS2,VB3 –VS3
12.5
15
17.5
V
VD4
VDD – VSS *1
13.5
15
16.5
Input ON voltage
VIN(ON)
HIN1,HIN2,HIN3,
LIN1,LIN2,LIN3
3.0
-
5.0
V
Input OFF voltage
VIN(OFF)
0
-
0.3
PWM frequency
fPWM
1.0
-
20
kHz
Dead time
DT
Turn-off to turn-on (external)
2
-
-
μs
Allowable input pulse width
PWIN
ON and OFF
1
-
-
Tightening torque
MT
‘M4’Type Screw
0.79
-
1.17
Nm
*1 Pre-driver power supply (VD4=15±1.5V) must have the capacity of Io=20mA(DC), 0.5A(Peak).
Usage Precautions
1. This IPM includes internal bootstrap diodes and resistors. By adding a bootstrap capacitor “CB”, a high side drive
voltage is generated; each phase requires an individual bootstrap capacitor. The recommended value of CB is in the
range of 1 to 47μF (±20%), however this value needs to be verified prior to production. If selecting the capacitance
more than 47μF (±20%), connect a resistor (about 40Ω) in series between each 3-phase upper side power supply
terminals (VB1,2,3) and each bootstrap capacitor. When not using the bootstrap circuit, each upper side pre-drive
power supply requires n external independent power supply.
2. It is essential that wirning length between terminals in the snubber circuit be kept as short as possible to reduce the
effect of surge voltages. Recommended value of “CS” is in the range of 0.1 to 10μF.
3. ”FAULT” (16pin) is open DRAIN output terminal (Active Low). Pull up resistor is recommended more than 5.6kΩ.
4. Inside the IPM, a thermistor used as the temperature monitor for internal substrate is connected between “TH1”
and “TH2” . Generally, one of terminals is connected to VSS, and the other is pulled up to external power supply
with pull-up resistor (Rp) externally. The temperature monitor example application is as follows please refer the
Fig.10 and Fig.11 below.
5. The pull-down resistor 33kΩ is provided internally at the signal input terminals. An external resistor of 2.2kΩ to
3.3kΩ should be added to reduce the influence of external wiring noise.
6. As protection of IPM to unusual current by a short circuit etc, it recommended installing shunt resistors and an
over-current protection circuit outside. Moreover, for safety, a fuse on Vcc line is recommended.
7. Disconnection of terminals U, V, W, during normal motor operation will cause damage to IPM, use caution with this
connections.
8. The “ITRIP” terminal (17pin) is the input terminal to shut down. When VITRIP exceeds threshold (0.44V to 0.54V),
all IGBTs are turned off. And normal operation resumes 2ms(typ) after over current condition is removed. Therefore,
please turn all the input signal off (Low) in case of detecting error at the “FAULT” terminal.
9. When input pulse width is less than 1us, an output may not react to the pulse. (Both ON signal and OFF signal)
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


유사한 부품 번호 - STK541UC60C-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
496Kb / 14P
   Inverter Power H-IC
October,2013
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
291Kb / 13P
   Inverter IPM
February 2015 - Rev.1
More results

유사한 설명 - STK541UC60C-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK5F1U3E3D-E ONSEMI-STK5F1U3E3D-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
291Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com