전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK5F4U3E2D-E 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 STK5F4U3E2D-E
상세설명  Inverter Power H-IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5F4U3E2D-E 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button STK5F4U3E2D-E Datasheet HTML 5Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 6Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 7Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 8Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 9Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 10Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 11Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 12Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STK5F4U3E2D-E
No.A2230-9/14
Recommended Operating Conditions at Tc = 25C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VCC
P to NU,NV,NW
0
280
400
V
Pre-driver supply voltage
VD1,2,3
VB1 –VS1,VB2 –VS2,VB3 –VS3
12.5
15
17.5
V
VD4
VDD – VSS *1
13.5
15
16.5
Input ON voltage
VIN(ON)
HIN1,HIN2,HIN3,
LIN1,LIN2,LIN3
3.0
-
5.0
V
Input OFF voltage
VIN(OFF)
0
-
0.3
PWM frequency
fPWM
1.0
-
20
kHz
Dead time
DT
Upper/lower input signal downtime
2
-
-
μs
Allowable input pulse width
PWIN
ON pulse width/OFF pulse width
1
-
-
Tightening torque
MT
‘M4’Type Screw
0.79
-
1.17
Nm
*1 Pre-driver power supply (VD4=15±1.5V) must have the capacity of Io=20mA(DC), 0.5A(Peak).
Usage Precautions
1. This H-IC includes internal bootstrap diodes and resistors. By adding a bootstrap capacitor “CB”, a high side drive voltage is
generated; each phase requires an individual bootstrap capacitor. The recommended value of CB is in the range of 1 to 47μF
(±20%), however this value needs to be verified prior to production. If selecting the capacitance more than 47μF (±20%),
connect a resistor (about 40Ω) in series between each 3-phase upper side power supply terminals (VB1,2,3) and each bootstrap
capacitor. When not using the bootstrap circuit, each upper side pre-drive power supply requires n external independent power
supply.
2. It is essential that wirning length between terminals in the snubber circuit be kept as short as possible to reduce the effect of
surge voltages. Recommended value of “CS” is in the range of 0.1 to 10μF.
3. ”FAULT” (16pin) is open DRAIN output terminal (Active Low). Pull up resistor is recommended more than 5.6kΩ.
4. Inside the H-IC, a thermistor used as the temperature monitor for internal substrate is connected between “TH1” and “TH2” .
Generally, one of terminals is connected to VSS, and the other is pulled up to external power supply with pull-up resistor (Rp)
externally. The temperature monitor example application is as follows please refer the Fig.11 and Fig.12 below.
5. The pull-down resistor 33kΩ is provided internally at the signal input terminals. An external resistor of 2.2kΩ to 3.3kΩ should
be added to reduce the influence of external wiring noise.
6. As protection of H-IC to unusual current by a short circuit etc, it recommended installing shunt resistors and an over-current
protection circuit outside. Moreover, for safety, a fuse on Vcc line is recommended.
7. Disconnection of terminals U, V, W, during normal motor operation will cause damage to H-IC, use caution with this
connections.
8. The “ITRIP” terminal (17pin) is the input terminal to shut down. When VITRIP exceeds threshold (0.44V to 0.54V), all IGBTs
are turned off. And normal operation resumes 2ms(typ) after over current condition is removed. Therefore, please turn all the
input signal off (Low) in case of detecting error at the “FAULT” terminal.
9. When input pulse width is less than 1us, an output may not react to the pulse. (Both ON signal and OFF signal)


유사한 부품 번호 - STK5F4U3E2D-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
More results

유사한 설명 - STK5F4U3E2D-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Semikron International
28GH066V1 SEMIKRON-28GH066V1 Datasheet
640Kb / 4P
   H-bridge inverter
27GH066V1 SEMIKRON-27GH066V1 Datasheet
657Kb / 4P
   H-bridge inverter
SKIIP16GH066V1 SEMIKRON-SKIIP16GH066V1 Datasheet
800Kb / 4P
   H-bridge inverter
16GH066V1 SEMIKRON-16GH066V1_09 Datasheet
839Kb / 4P
   H-bridge inverter
logo
Freescale Semiconductor...
MC33899 FREESCALE-MC33899 Datasheet
429Kb / 26P
   Programmable H-Bridge Power IC
MC33899 FREESCALE-MC33899_08 Datasheet
463Kb / 26P
   Programmable H-Bridge Power IC
33899 FREESCALE-33899 Datasheet
996Kb / 26P
   Programmable H-Bridge Power IC
logo
Unisonic Technologies
CD4069 UTC-CD4069 Datasheet
106Kb / 7P
   INVERTER CIRCUIT CMOS IC
logo
ELM Technology Corporat...
ELM7S04B ELM-TECH-ELM7S04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com