전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK5MFU3C1A-E 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 STK5MFU3C1A-E
상세설명  2-in-1 PFC and Inverter Intelligent Power Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5MFU3C1A-E 데이터시트(HTML) 5 Page - ON Semiconductor

  STK5MFU3C1A-E Datasheet HTML 1Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 2Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 3Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 4Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 5Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 6Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 7Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 8Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STK5MFU3C1A-E
www.onsemi.com
5
ABSOLUTE MAXIMUM RATINGS at Tc = 25°C (Notes 1, 2)
1.
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device
functionality should not be assumed, damage may occur and reliability may be affected.
2.
Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for
Safe Operating parameters.
3.
This surge voltage developed by the switching operation due to the wiring inductance between VP2 and N terminal.
4.
VBS=VBU to U, VBV to V, VBW to W
5.
Test conditions : AC2500V, 1 s
Rating
Symbol
Conditions
Value
Unit
PFC Section
PFC
IGBT
Collector-emitter voltage
VCE
PFCL to HVGND
600
V
Repetitive peak collector current
ICP
Duty cycle 10%, pulse width 1ms
150
A
Collector current
IC
53
A
Tc = 100
C
26
A
Maximum power dissipation
PC
96
W
PFC
Diode
Diode reverse voltage
VRM
VP1 to PFCL
600
V
Repetitive peak forward current
IFP1
Duty cycle 10%, pulse width 1ms
90
A
Diode forward current
IF1
30
A
Tc = 100
C
18
A
Maximum power dissipation
PD1
65
W
Anti-
parallel
Diode
Repetitive peak forward current
IFP2
Duty cycle 10%, pulse width 1ms
11
A
Diode forward current
IF2
3
A
Maximum power dissipation
PD2
5
W
Maximum AC input voltage
VAC
Single-phase Full-rectified
264
V
Maximum output voltage
Vo
In the Application Circuit
(VAC = 200 V)
450
V
Input AC current (steady state)
Iin
33
Arms
Inverter Section
Supply voltage
VCC
VP2 to N surge < 500 V
(Note 3)
450
V
Collector-emitter voltage
VCE max
VP2 to U, V, W or U, V, W to N
600
V
Output current
Io
VP2, U, V, W, N terminal current
±30
A
VP2, U, V, W, N terminal current at
Tc=100
C
±15
A
Output peak current
Iop
VP, U, V, W, N terminal current, pulse
width 1ms
±60
A
Maximum power dissipation
Pd
IGBT per 1 channel
65
W
Gate driver section
Gate driver supply voltage
VBS
VBU to U, VBV to V, VBW to W, VDD
to GND (Note 4)
0.3 to +20.0
V
Input signal voltage
VIN
HINU, HINV, HINW, LINU, LINV,
LINW, PFCIN
0.3 to VDD
V
FAULT terminal voltage
VFAULT
FAULT terminal
0.3 to VDD
V
ITRIP terminal voltage
VITRIP
ITRIP terminal
0.3 to +10.0
V
PFCTRIP terminal voltage
VPTRIP
PTRIP terminal
1.5 to 2.0
V
Intelligent Power Module
Junction temperature
Tj
IGBT, FRD, Gate driver IC
150
C
Storage temperature
Tstg
40 to +125
C
Operating case temperature
Tc
IPM case temperature
20 to +100
C
Tightening torque
MT
Case mounting screws
1.17
Nm
Isolation voltage
Vis
50Hz sine wave AC 1 minute
(Note 5)
2000
Vrms


유사한 부품 번호 - STK5MFU3C1A-E

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK500 ETC1-STK500 Datasheet
2Mb / 61P
   User Guide
logo
ATMEL Corporation
STK500 ATMEL-STK500 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
logo
SHENZHEN DOINGTER SEMIC...
STK5006P DOINGTER-STK5006P Datasheet
1Mb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STK5006P VBSEMI-STK5006P Datasheet
2Mb / 9P
   N-Channel 60 V (D-S) MOSFET
logo
ATMEL Corporation
STK501 ATMEL-STK501 Datasheet
1Mb / 29P
   STK500 Compatible
More results

유사한 설명 - STK5MFU3C1A-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK5DFU340D-E ONSEMI-STK5DFU340D-E Datasheet
1Mb / 15P
   2-in-1 PFC and Inverter Intelligent Power Module (IPM)
September 2016 ??P4
STK5DFU350D-E ONSEMI-STK5DFU350D-E Datasheet
1Mb / 15P
   2-in-1 PFC and Inverter Intelligent Power Module (IPM)
September 2016 - P3
NFCS1060L3TT ONSEMI-NFCS1060L3TT Datasheet
494Kb / 17P
   2-in-1 PFC and Inverter Intelligent Power Module (IPM), 600 V, 10 A
April, 2019 ??Rev. 0
logo
TriQuint Semiconductor
TQM7M6025 TRIQUINT-TQM7M6025_15 Datasheet
201Kb / 1P
   2-in-1 Power Amplifier Module
logo
Infineon Technologies A...
IFCM15S60GD INFINEON-IFCM15S60GD Datasheet
1Mb / 18P
   Dual In-Line PFC integrated Intelligent Power Module 3?-bridge 600V/15A, Single phase PFC 650V/30A
V 2.2 2017-09-06
IFCM15P60GD INFINEON-IFCM15P60GD Datasheet
1Mb / 18P
   Dual In-Line PFC integrated Intelligent Power Module 3?-bridge 600V/15A, Single phase PFC 650V/30A
V 2.2 2017-09-06
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
logo
Vincotech
10-0B06PPA004RC-L022A09 VINCOTECH-10-0B06PPA004RC-L022A09 Datasheet
2Mb / 24P
   CONVERTER, PFC, inverter in one housing
logo
ON Semiconductor
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com