전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL5010-Q1 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPL5010-Q1
상세설명  AEC-Q100 Nano-Power System Timer with Watchdog Function
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5010-Q1 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPL5010-Q1 Datasheet HTML 7Page - Texas Instruments TPL5010-Q1 Datasheet HTML 8Page - Texas Instruments TPL5010-Q1 Datasheet HTML 9Page - Texas Instruments TPL5010-Q1 Datasheet HTML 10Page - Texas Instruments TPL5010-Q1 Datasheet HTML 11Page - Texas Instruments TPL5010-Q1 Datasheet HTML 12Page - Texas Instruments TPL5010-Q1 Datasheet HTML 13Page - Texas Instruments TPL5010-Q1 Datasheet HTML 14Page - Texas Instruments TPL5010-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
¸
¸
¹
·
¨
¨
©
§
a
T
c
a
b
b
R
EXT
2
100
4
100
2
VIN
POWER MANAGEMENT
VOUT
GND
µC
GPIO
VDD
GND
Rp
GPIO
RSTn
TPL5010-Q1
VDD
GND
RSTn
WAKE
DELAY/
M_RST
DONE
REXT
Battery
VIN
POWER MANAGEMENT
VOUT
GND
µC
GPIO
VDD
GND
Rp
GPIO
RSTn
TPL5010-Q1
VDD
GND
RSTn
WAKE
DELAY/
M_RST
DONE
REXT
Battery
11
TPL5010-Q1
www.ti.com
SNAS679 – SEPTEMBER 2016
Product Folder Links: TPL5010-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Programming (continued)
Figure 11. Manual Reset with SPST Switch
For use cases that do not require the lowest power consumption, using a single pole single throw switch may
offer a lower cost solution. The DELAY/M_RST pin may be directly connected to VDD with REXT in the circuit.
The current drawn from the supply voltage during the reset is given by VDD/REXT.
Figure 12. Manual Reset with SPDT Switch
The reset function may also be asserted by switching DELAY/M_RST from REXT to VDD using a single pole
double throw switch, which will provide a lower power solution for the manual reset, because no current flows.
8.5.3 Timer Interval Selection Using External Resistance
In order to set the time interval, the external resistance REXT is selected according the following formula:
where
T is the desired time interval in seconds
REXT is the resistance value to use in Ω
a, b, c are coefficients depending on the range of the time interval
(1)


유사한 부품 번호 - TPL5010-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL5010 TI1-TPL5010 Datasheet
935Kb / 25P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
TPL5010 TI1-TPL5010 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5010DDCR TI1-TPL5010DDCR Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5010DDCT TI1-TPL5010DDCT Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
More results

유사한 설명 - TPL5010-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
logo
Monolithic Power System...
MPQ6411 MPS-MPQ6411 Datasheet
317Kb / 14P
   Windowed Watchdog Timer AEC-Q100 Qualified
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com