전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL5110-Q1 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPL5110-Q1
상세설명  AEC-Q100 Nano-Power System Timer with Watchdog Function
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5110-Q1 데이터시트(HTML) 1 Page - Texas Instruments

  TPL5110-Q1 Datasheet HTML 1Page - Texas Instruments TPL5110-Q1 Datasheet HTML 2Page - Texas Instruments TPL5110-Q1 Datasheet HTML 3Page - Texas Instruments TPL5110-Q1 Datasheet HTML 4Page - Texas Instruments TPL5110-Q1 Datasheet HTML 5Page - Texas Instruments TPL5110-Q1 Datasheet HTML 6Page - Texas Instruments TPL5110-Q1 Datasheet HTML 7Page - Texas Instruments TPL5110-Q1 Datasheet HTML 8Page - Texas Instruments TPL5110-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
VIN
POWER MANAGEMENT
VOUT
GND
µC
GPIO
VDD
GND
Rp
GPIO
RSTn
TPL5010-Q1
VDD
GND
RSTn
WAKE
DELAY/
M_RST
DONE
REXT
Battery
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPL5010-Q1
SNAS679 – SEPTEMBER 2016
TPL5010-Q1 AEC-Q100 Nano-Power System Timer with Watchdog Function
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified with the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C5
Current Consumption of 35 nA (typ) at 2.5 V
Supply Voltage from 1.8 V to 5.5 V
Selectable Time Intervals 100 ms to 7200 s
Timer Accuracy 1% (Typical)
Resistor Selectable Time Interval
Watchdog Functionality
Manual Reset
TPL5x10Q Family of AEC-Q100 Nano-Power
System Timers
TPL5010-Q1 - Supply Current 35 nA
Low Power Timer
Watchdog Function
Programmable Delay Range
Manual Reset
TPL5110-Q1 - Supply Current 35 nA
Low Power Timer
MOS-Driver
Programmable Delay Range
Manual Reset
One-Shot Feature
2 Applications
Electric Vehicles
Always On Systems
Battery powered systems
Clutch Actuator circuit
Car Door Handle circuit
Smart Key
Remote current sensor
Intruder Detection
3 Description
The TPL5010-Q1 Nano Timer is a low power, AEC-
Q100 qualified timer with a watchdog feature ideal for
system wake up in duty cycled or battery powered
applications. In such systems the microcontroller
timer can be used for system wake-up, but if the
timer sleep current is high, up to 60-80% of the total
system
current
can
be
consumed
by
the
microcontroller timer in this sleep mode. Consuming
only 35 nA, the TPL5010-Q1 can replace the
functionality of the integrated microcontroller timer
and allow the microcontroller to be placed in a much
lower power mode. Such power savings extend the
operating life of batteries and enable the use of
significantly smaller batteries making the TPL5010-
Q1 ideal for power sensitive applications.. The
TPL5010-Q1 provides selectable timing intervals from
100 ms to 7200 s and is designed for interrupt-driven
applications. Some standards (such as EN50271)
require implementation of a watchdog for safety and
the TPL5010-Q1 realizes this watchdog function at
almost
no
additional
power
consumption.
The
TPL5010-Q1 is available in a 6-pin SOT23 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPL5010-Q1
SOT23 (6)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Application


유사한 부품 번호 - TPL5110-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
More results

유사한 설명 - TPL5110-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
logo
Monolithic Power System...
MPQ6411 MPS-MPQ6411 Datasheet
317Kb / 14P
   Windowed Watchdog Timer AEC-Q100 Qualified
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com