전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK531U394A-E 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 STK531U394A-E
상세설명  Inverter IPM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK531U394A-E 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button STK531U394A-E Datasheet HTML 5Page - ON Semiconductor STK531U394A-E Datasheet HTML 6Page - ON Semiconductor STK531U394A-E Datasheet HTML 7Page - ON Semiconductor STK531U394A-E Datasheet HTML 8Page - ON Semiconductor STK531U394A-E Datasheet HTML 9Page - ON Semiconductor STK531U394A-E Datasheet HTML 10Page - ON Semiconductor STK531U394A-E Datasheet HTML 11Page - ON Semiconductor STK531U394A-E Datasheet HTML 12Page - ON Semiconductor STK531U394A-E Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
STK531U394A-E
www.onsemi.com
10
The characteristic of thermistor
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
Resistance
R25
Tc = 25
C
99
100
101
kΩ
R100
Tc = 100
C
5.18
5.38
5.60
kΩ
B-Constant (25 to 50
C)
B
4208
4250
4293
K
Temperature Range
40
-
+125
C
Fig.10 Variation of thermistor resistance with temperature
Fig.11 Variation of thermistor terminal voltage with temperature
(39k
 pull-up resistor, 5V)
1
10
100
1000
10000
-40 -30 -20 -10
0
10203040 5060708090 100 110 120 130
Case temperature, Tc-degC
Case Temperature(Tc) - Thermal resistance(RTH)
min
typ
max
0.00
1.00
2.00
3.00
4.00
5.00
6.00
-40 -30 -20 -10
0
10 203040 506070 80 90 100 110 120 130
Case temperature, Tc-degC
Case Temperature(Tc) - TH to Vss voltage characteristic
min
typ
max


유사한 부품 번호 - STK531U394A-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
More results

유사한 설명 - STK531U394A-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
291Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E3D-E ONSEMI-STK5F1U3E3D-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com