전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK534U362C-E 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 STK534U362C-E
상세설명  Intelligent Power Module (IPM)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK534U362C-E 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button STK534U362C-E Datasheet HTML 5Page - ON Semiconductor STK534U362C-E Datasheet HTML 6Page - ON Semiconductor STK534U362C-E Datasheet HTML 7Page - ON Semiconductor STK534U362C-E Datasheet HTML 8Page - ON Semiconductor STK534U362C-E Datasheet HTML 9Page - ON Semiconductor STK534U362C-E Datasheet HTML 10Page - ON Semiconductor STK534U362C-E Datasheet HTML 11Page - ON Semiconductor STK534U362C-E Datasheet HTML 12Page - ON Semiconductor STK534U362C-E Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STK534U362C-E
www.onsemi.com
9
Recommended Operating Condition at Tc = 25C
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
VCC
+ to U-(V-,W-)
0
280
450
V
Pre-driver
supply voltage
VD1,2,3
VB1 to U,VB2 to V,VB3 to W
12.5
15
17.5
V
VD4
VDD to VSS
*1
13.5
15
16.5
ON-state input voltage
VIN(ON)
HIN1,HIN2,HIN3,
LIN1,LIN2,LIN3
3.0
-
5.0
V
OFF-state input voltage
VIN (OFF)
0
-
0.3
PWM frequency
fPWM
1
-
20
kHz
Dead time
DT
Turn-off to turn-on (external)
2.5
-
-
μs
Allowable input pulse width
PWIN
ON and OFF
1
-
-
μs
Mounting torque
‘M3’ type screw
0.6
-
0.9
Nm
*1 Pre-drive power supply (VD4 = 15 ±1.5 V) must be have the capacity of Io = 20 mA (DC), 0.5 A (Peak).
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


유사한 부품 번호 - STK534U362C-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
More results

유사한 설명 - STK534U362C-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com