전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK541UC60C-E 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 STK541UC60C-E
상세설명  Inverter IPM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK541UC60C-E 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button STK541UC60C-E Datasheet HTML 5Page - ON Semiconductor STK541UC60C-E Datasheet HTML 6Page - ON Semiconductor STK541UC60C-E Datasheet HTML 7Page - ON Semiconductor STK541UC60C-E Datasheet HTML 8Page - ON Semiconductor STK541UC60C-E Datasheet HTML 9Page - ON Semiconductor STK541UC60C-E Datasheet HTML 10Page - ON Semiconductor STK541UC60C-E Datasheet HTML 11Page - ON Semiconductor STK541UC60C-E Datasheet HTML 12Page - ON Semiconductor STK541UC60C-E Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STK541UC60C-E
www.onsemi.com
11
CB capacitor value calculation for bootstrap circuit
Calculate conditions
Capacitance calculation formula
Thus, the following formula are true
VBS x CB - QG - IDMAX * TONMAX = UVLO * CB
therefore,
CB = (QG + IDMAX * TONMAX) / (VBS - UVLO)
The relationship between TONMAX and CB becomes as follows. CB is recommended to be approximately 3 times the value calculated
above. The recommended value of CB is in the range of 1 to 47μF, however, this value needs to be verified prior to production.
Fig. 11 Tonmax - CB characteristic
Parameter
Symbol
Value
Unit
Upper side power supply.
VBS
15
V
Total gate charge of output power IGBT at 15V.
QG
89
nC
Upper limit power supply low voltage protection.
UVLO
12
V
Upper side power dissipation.
IDMAX
400
μA
ON time required for CB voltage to fall from 15V to UVLO
TONMAX
-
s
0.01
0.1
1
10
100
0.1
1
10
100
1000
Tonmax [ms]
CB vs Tonmax


유사한 부품 번호 - STK541UC60C-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
496Kb / 14P
   Inverter Power H-IC
October,2013
More results

유사한 설명 - STK541UC60C-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E3D-E ONSEMI-STK5F1U3E3D-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com