전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK541UC60C-E 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 STK541UC60C-E
상세설명  Inverter IPM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK541UC60C-E 데이터시트(HTML) 3 Page - ON Semiconductor

  STK541UC60C-E Datasheet HTML 1Page - ON Semiconductor STK541UC60C-E Datasheet HTML 2Page - ON Semiconductor STK541UC60C-E Datasheet HTML 3Page - ON Semiconductor STK541UC60C-E Datasheet HTML 4Page - ON Semiconductor STK541UC60C-E Datasheet HTML 5Page - ON Semiconductor STK541UC60C-E Datasheet HTML 6Page - ON Semiconductor STK541UC60C-E Datasheet HTML 7Page - ON Semiconductor STK541UC60C-E Datasheet HTML 8Page - ON Semiconductor STK541UC60C-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STK541UC60C-E
www.onsemi.com
3
Notes :
1. The pre-drive power supply low voltage protection has approximately 0.2V of hysteresis and operates as follows.
Upper side : The gate is turned off and will return to regular operation when recovering to the normal voltage, but the latch will
continue till the input signal will turn ‘high’.
Lower side : The gate is turned off and will automatically reset when recovering to normal voltage. It does not depend on input
signal voltage.
2. The pre-drive low voltage protection is the feature to protect devices when the pre-driver supply voltage falls due to an operating
malfunction.


유사한 부품 번호 - STK541UC60C-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
496Kb / 14P
   Inverter Power H-IC
October,2013
More results

유사한 설명 - STK541UC60C-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E3D-E ONSEMI-STK5F1U3E3D-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com