전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA1-3R305LF 데이터시트(PDF) 1 Page - Bothhand USA, LP.

부품명 SA1-3R305LF
상세설명  1 Watt SMD O/P DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA1-3R305LF 데이터시트(HTML) 1 Page - Bothhand USA, LP.

  SA1-3R305LF Datasheet HTML 1Page - Bothhand USA, LP. SA1-3R305LF Datasheet HTML 2Page - Bothhand USA, LP. SA1-3R305LF Datasheet HTML 3Page - Bothhand USA, LP. SA1-3R305LF Datasheet HTML 4Page - Bothhand USA, LP. SA1-3R305LF Datasheet HTML 5Page - Bothhand USA, LP. SA1-3R305LF Datasheet HTML 6Page - Bothhand USA, LP. SA1-3R305LF Datasheet HTML 7Page - Bothhand USA, LP. SA1-3R305LF Datasheet HTML 8Page - Bothhand USA, LP. SA1-3R305LF Datasheet HTML 9Page - Bothhand USA, LP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Bothhand Enterprise
Inc.
SA1 LF Series
1 Watt SMD O/P DC-DC Converter
Single
Single
Single
Single and Dual
and Dual
and Dual
and Dual Output
Output
Output
Output
1
www.bothhand.com.tw
E-mail: sales@bothhand.com.tw
1 . Features
Low Ripple and Noise
High Efficiency Up To 83%
Input / Output Isolation : 1K Vdc or 3K Vdc
100% Burn-In
Input Filter With Internal Capacitor
Custom Design Available
Net Weight :1.5g or 1.7g Typical
RoHS Converter Certified By SGS
2 . Model Selection Guide
(Specifications typical at Ta= +25℃
℃, Nominal input voltage, Rated output current unless otherwise noted)
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
Single Output Series (1 KVdc)
SA1-3R33R3 LF
3.3
300
62
459
50
15
70
SA1-3R305 LF
5
200
68
446
60
15
72
SA1-3R309 LF
9
110
61
433
80
12
74
SA1-3R312 LF
12
84
59
421
100
10
76
SA1-3R315 LF
3.3
15
67
61
421
120
10
76
SA1-053R3 LF
3.3
300
41
290
50
15
73
SA1-0505 LF
5
200
40
282
60
15
75
SA1-0509 LF
9
110
39
270
80
12
78
SA1-0512 LF
12
84
25
263
100
10
80
SA1-0515 LF
5
15
67
44
270
120
10
78
SA1-123R3 LF
3.3
300
14
117
50
15
75
SA1-1205 LF
5
200
15
108
60
15
81
SA1-1209 LF
9
110
15
113
80
12
78
SA1-1212 LF
12
84
15
108
100
10
81
SA1-1215 LF
12
15
67
14
105
120
10
83


유사한 부품 번호 - SA1-3R305LF

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
SA1-3R305LF BOTHHAND-SA1-3R305LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
More results

유사한 설명 - SA1-3R305LF

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
SA1LF BOTHHAND-SA1LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
CCAR25-SERIES BOTHHAND-CCAR25-SERIES Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CAA1 BOTHHAND-CAA1 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CCAR25 BOTHHAND-CCAR25 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com