전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA1-3R309LF 데이터시트(PDF) 7 Page - Bothhand USA, LP.

부품명 SA1-3R309LF
상세설명  1 Watt SMD O/P DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA1-3R309LF 데이터시트(HTML) 7 Page - Bothhand USA, LP.

Back Button SA1-3R309LF Datasheet HTML 3Page - Bothhand USA, LP. SA1-3R309LF Datasheet HTML 4Page - Bothhand USA, LP. SA1-3R309LF Datasheet HTML 5Page - Bothhand USA, LP. SA1-3R309LF Datasheet HTML 6Page - Bothhand USA, LP. SA1-3R309LF Datasheet HTML 7Page - Bothhand USA, LP. SA1-3R309LF Datasheet HTML 8Page - Bothhand USA, LP. SA1-3R309LF Datasheet HTML 9Page - Bothhand USA, LP. SA1-3R309LF Datasheet HTML 10Page - Bothhand USA, LP. SA1-3R309LF Datasheet HTML 11Page - Bothhand USA, LP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Bothhand Enterprise
Inc.
SA1 LF Series
1 Watt SMD Single O/P DC-DC Converter
Single
Single
Single
Single and Dual
and Dual
and Dual
and Dual Output
Output
Output
Output
7
www.bothhand.com.tw
E-mail: sales@bothhand.com.tw
8 . Mechanical & Pin Connections
Single Output Series (For Isolation Voltage 1KVdc)
Dual Output Series (For Isolation Voltage 1KVdc )
Single Output Series (For Isolation Voltage 3KVdc)
Pin
1K Vdc - Single
Pin
1
-Vin
NC
14
3
+Vin
12
5
No Pin
No Pin
10
7
-Vo
+Vo
8
Pin
1K Vdc - Dual
Pin
1
-Vin
NC
18
3
+Vin
16
5
No Pin
No Pin
14
7
com
+Vo
12
9
-Vo
No Pin
10
SA1-0505 LF
Date Code
12.80
[0.50]
11.40
[0.45]
8.40
[0.33]
2.54
[0.10]
5.08
[0.20]
7.60
[0.30]
5.90
[0.23]
1.70
[0.07]
8.15
[0.32]
1.50
[0.06]
0.60 [0.02]
Units : mm (inch)
Tolerance : 0.xx ± 0.25(0.xx ±0.01)
0.82 [0.03]
0.25 [0.01]
0.25
+0
-0.13
SA1-05D05 LF
Date Code
15.20
[0.60]
11.40
[0.45]
8.40
[0.33]
2.54
[0.10]
5.08
[0.20]
7.60
[0.30]
5.90
[0.23]
1.70
[0.07]
8.15
[0.32]
1.50
[0.06]
0.60 [0.02]
Units : mm (inch)
Tolerance : 0.xx ± 0.25(0.xx ±0.01)
0.82 [0.03]
0.25 [0.01]
0.25
+0
-0.13
SA1-0505H LF
Date Code
15.20
[0.60]
11.40
[0.45]
8.40
[0.33]
2.54
[0.10]
5.08
[0.20]
7.60
[0.30]
5.90
[0.23]
1.70
[0.07]
8.15
[0.32]
1.50
[0.06]
0.60 [0.02]
Units : mm (inch)
Tolerance : 0.xx ± 0.25(0.xx ±0.01)
0.82 [0.03]
0.25 [0.01]
0.25
+0
-0.13
Pin
3K Vdc - Single
Pin
1
-Vin
NC
18
3
+Vin
16
5
No Pin
No Pin
14
7
-Vo
+Vo
12
9
NC
No Pin
10


유사한 부품 번호 - SA1-3R309LF

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
SA1-3R309LF BOTHHAND-SA1-3R309LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
More results

유사한 설명 - SA1-3R309LF

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
SA1LF BOTHHAND-SA1LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
CCAR25-SERIES BOTHHAND-CCAR25-SERIES Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CAA1 BOTHHAND-CAA1 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CCAR25 BOTHHAND-CCAR25 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com