전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLB9660XQ1.2 데이터시트(PDF) 9 Page - Infineon Technologies AG

부품명 SLB9660XQ1.2
상세설명  Trusted Platform Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLB9660XQ1.2 데이터시트(HTML) 9 Page - Infineon Technologies AG

Back Button SLB9660XQ1.2 Datasheet HTML 5Page - Infineon Technologies AG SLB9660XQ1.2 Datasheet HTML 6Page - Infineon Technologies AG SLB9660XQ1.2 Datasheet HTML 7Page - Infineon Technologies AG SLB9660XQ1.2 Datasheet HTML 8Page - Infineon Technologies AG SLB9660XQ1.2 Datasheet HTML 9Page - Infineon Technologies AG SLB9660XQ1.2 Datasheet HTML 10Page - Infineon Technologies AG SLB9660XQ1.2 Datasheet HTML 11Page - Infineon Technologies AG SLB9660XQ1.2 Datasheet HTML 12Page - Infineon Technologies AG SLB9660XQ1.2 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet
9
Revision 1.0 2014-12-12
SLB 9660 TPM1.2
Trusted Platform Module
Pin Description
Figure 4-2 Pinout of the SLB 9660VQ1.2 / SLB 9660XQ1.2 (PG-VQFN-32-13 Package, Top View)
Table 4-1 Buffer Types
Buffer Type
Description
TS
Tri-State pin
ST
Schmitt-Trigger pin
OD
Open-Drain pin
Table 4-2 I/O Signals
Pin Number
Name
Pin
Type
Buffer
Type
Function
PG-TSSOP-
28-2
PG-VQFN-
32-13
26
27
LAD0
I/O
TS
LPC Address/Data Bit 0
Multiplexed LPC command, address and data bus.
Connect these pins to the LAD[3:0] pins of the LPC
host.
23
24
LAD1
I/O
TS
LPC Address/Data Bit 1
see description of LAD0 above.
20
21
LAD2
I/O
TS
LPC Address/Data Bit 2
see description of LAD0 above.
17
19
LAD3
I/O
TS
LPC Address/Data Bit 3
see description of LAD0 above.
22
23
LFRAME# I
ST
LPC Framing Signal
LPC framing signal. This pin is connected to the
LPC LFRAME# signal and indicates the start of a
new cycle on the LPC bus or the termination of a
broken cycle. The signal is active low.
LAD1
TPM
SLB 9660VQ1.2
PG-VQFN-32-13
1
10
15
26
30
18
LFRAME#
LCLK
LAD2
VDD
LAD3
LRESET#
NC
22
7
VDD
GPIO
NC
NC
NC
NC
NC
NC


유사한 부품 번호 - SLB9660XQ1.2

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLB9660XQ1.2 INFINEON-SLB9660XQ1.2 Datasheet
487Kb / 23P
   OPTIGA™ TPM
Revision 1.2 2018-09-21
More results

유사한 설명 - SLB9660XQ1.2

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
   Trusted Platform Module
Revision 1.0 2019-04-08
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
   Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
   Trusted Platform Module
Revision 1.3 2018-09-21
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
   Trusted Platform Module
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM2.0 INFINEON-SLB9670TPM2.0 Datasheet
283Kb / 21P
   Trusted Platform Module
Revision 1.4 2018-12-07
SLB9665 INFINEON-SLB9665 Datasheet
934Kb / 24P
   Trusted Platform Module
Revision 1.0, 2015-10-27
logo
ATMEL Corporation
AT97SC3203S ATMEL-AT97SC3203S Datasheet
212Kb / 8P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com