전자부품 데이터시트 검색엔진 |
|
MC100EP90 데이터시트(PDF) 7 Page - ON Semiconductor |
|
MC100EP90 데이터시트(HTML) 7 Page - ON Semiconductor |
7 / 8 page MC10EP90, MC100EP90 http://onsemi.com 7 Figure 3. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D − Termination of ECL Logic Devices.) Driver Device Receiver Device QD Q D Zo = 50 W Zo = 50 W 50 W 50 W VTT VTT = VCC − 2.0 V ORDERING INFORMATION Device Package Shipping† MC10EP90DT TSSOP−20 75 Units / Rail MC10EP90DTR2 TSSOP−20 2500 / Tape & Rail MC100EP90DT TSSOP−20 75 Units / Rail MC100EP90DTR2 TSSOP−20 2500 / Tape & Rail †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. Resource Reference of Application Notes AN1405/D − ECL Clock Distribution Techniques AN1406/D − Designing with PECL (ECL at +5.0 V) AN1503/D − ECLinPS t I/O SPiCE Modeling Kit AN1504/D − Metastability and the ECLinPS Family AN1568/D − Interfacing Between LVDS and ECL AN1642/D − The ECL Translator Guide AND8001/D − Odd Number Counters Design AND8002/D − Marking and Date Codes AND8020/D − Termination of ECL Logic Devices AND8066/D − Interfacing with ECLinPS AND8090/D − AC Characteristics of ECL Devices |
유사한 부품 번호 - MC100EP90 |
|
유사한 설명 - MC100EP90 |