전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75836W 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 LC75836W
상세설명  1/4-Duty General-Purpose LCD Display Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75836W 데이터시트(HTML) 3 Page - ON Semiconductor

  LC75836W Datasheet HTML 1Page - ON Semiconductor LC75836W Datasheet HTML 2Page - ON Semiconductor LC75836W Datasheet HTML 3Page - ON Semiconductor LC75836W Datasheet HTML 4Page - ON Semiconductor LC75836W Datasheet HTML 5Page - ON Semiconductor LC75836W Datasheet HTML 6Page - ON Semiconductor LC75836W Datasheet HTML 7Page - ON Semiconductor LC75836W Datasheet HTML 8Page - ON Semiconductor LC75836W Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LC75836W
No.A0428-3/18
Electrical Characteristics for the Allowable Operating Ranges
Ratings
Parameter
Symbol
Pin
Conditions
min
typ
max
Unit
Hysteresis
VH
CE, CL, DI, INH
0.03VDD
V
IIH1
CE, CL, DI, INH
VI = 6.0V
5.0
Input high-level current
IIH2
OSC
VI = VDD external clock operating mode
5.0
μA
IIL1
CE, CL, DI, INH
VI = 0V
-5.0
Input low-level current
IIL2
OSC
VI = 0V external clock operating mode
-5.0
μA
VOH1
S1 to S35
IO = -20μA
VDD-0.9
VOH2
COM1
to COM4
IO = -100μA
VDD-0.9
Output high-level voltage
VOH3
P1 to P4
IO = -1mA
VDD-0.9
V
VOL1
S1 to S35
IO = 20μA
0.9
VOL2
COM1
to COM4
IO = 100μA
0.9
Output low-level voltage
VOL3
P1 to P4
IO =1mA
0.9
V
VMID1
S1 to S35
1/3 bias IO = ±20μA
2/3VDD
-0.9
2/3VDD
+0.9
VMID2
S1 to S35
1/3 bias IO = ±20μA
1/3VDD
-0.9
1/3VDD
+0.9
VMID3
COM1
to COM4
1/3 bias IO = ±100μA
2/3VDD
-0.9
2/3VDD
+0.9
Output middle-level
voltage *1
VMID4
COM1
to COM4
1/3 bias IO = ±100μA
1/3VDD
-0.9
1/3VDD
+0.9
V
Oscillator frequency
fosc
OSC
RC oscillator operating mode
Rosc = 39 k
Ω, Cosc = 1000pF
30.4
38
45.6
kHz
IDD1
VDD
Power-saving mode
5
IDD2
VDD
VDD = 6.0V output open
RC oscillator operating mode
fosc = 38kHz
350
700
Current drain
IDD3
VDD
VDD = 6.0V output open
External clock operating mode
fCK = 38kHz
VIH2 = 0.5VDD
VIL2 = 0.1VDD
450
900
μA
Note: *1 Excluding the bias voltage generation divider resistors built in the VDD1 and VDD2. (See Figure 1.)
Figure 1
VSS
To the common and segment drivers
VDD2
VDD1
Except these resistors.
VDD


유사한 부품 번호 - LC75836W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836WS-T ONSEMI-LC75836WS-T Datasheet
144Kb / 18P
   General-Purpose LCD Driver
June 2015 - Rev. 0
LC75836WS-T ONSEMI-LC75836WS-T Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75836WS-T-E ONSEMI-LC75836WS-T-E Datasheet
144Kb / 18P
   General-Purpose LCD Driver
June 2015 - Rev. 0
LC75836WS-T-E ONSEMI-LC75836WS-T-E Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

유사한 설명 - LC75836W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com