전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75879PT 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 LC75879PT
상세설명  LCD Display Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75879PT 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button LC75879PT Datasheet HTML 3Page - ON Semiconductor LC75879PT Datasheet HTML 4Page - ON Semiconductor LC75879PT Datasheet HTML 5Page - ON Semiconductor LC75879PT Datasheet HTML 6Page - ON Semiconductor LC75879PT Datasheet HTML 7Page - ON Semiconductor LC75879PT Datasheet HTML 8Page - ON Semiconductor LC75879PT Datasheet HTML 9Page - ON Semiconductor LC75879PT Datasheet HTML 10Page - ON Semiconductor LC75879PT Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
LC75879PT
No.A1687-7/35
Pin Functions
Pin
Pin No.
Function
Active
I/O
Handling
when
unused
S1/P1 to
S8/P8
S9 to S66
S68
79, 80,
1 to 6
7 to 64
69
Segment outputs for displaying the display data transferred by serial data
input. The S1/P1 to S8/P8 pins can be used as general-purpose output
ports under serial data control.
-
O
OPEN
COM1 to COM3
COM4/S67
65 to 67
68
Common driver outputs
The frame frequency is fo[Hz].
The COM4/S67 pin can be used as a segment output in 1/3 duty.
-
O
OPEN
S69/OSCI
74
Segment output. This pin can also be used as the external clock input pin
when the external clock operating mode is selected by control data.
-
I/O
OPEN
CE
CL
DI
76
77
78
Serial data transfer inputs. Must be connected to the controller.
CE: Chip enable
CL: Synchronization clock
DI: Transfer data
H
-
I
I
I
GND
INH
75
Display off control input
•INH=low(VSS)….Display forced off S1/P1 to S8/P8=low (VSS)
(These pins are forcibly set to the general-purpose output
port function and held at the VSS level.)
S9 to S66,S68=low(VSS)
COM1 to COM3=low(VSS)
COM4/S67=low(VSS)
S69/OSCI=low(VSS)
(This pin is forcibly set to the segment output port function
and held at the VSS level.)
Stops the internal oscillator. Inhibits external clock input.
Display contrast adjustment circuit stopped.
•INH=high(VDD)…Display on
Enables the internal oscillator circuit.
(Internal oscillator operating mode)
Enables external clock input.
(External clock operating mode)
Display contrast adjustment circuit operation is enabled.
However, serial data transfer is possible when the display is forced off.
L
I
GND
VDD1
71
Used to apply the LCD drive 2/3 bias voltage externally.
-
I
OPEN
VDD2
72
Used to apply the LCD drive 1/3 bias voltage externally.
-
I
OPEN
VDD
70
Power supply pin. A power voltage of 4.5 to 6.3V must be applied to this pin.
-
-
-
VSS
73
Ground pin. Must be connected to ground.
-
-
-


유사한 부품 번호 - LC75879PT

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75879PT ONSEMI-LC75879PT Datasheet
335Kb / 35P
   Duty General-Purpose LCD Display Driver
July, 2013
LC75879PT ONSEMI-LC75879PT Datasheet
359Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75879PT-H ONSEMI-LC75879PT-H Datasheet
359Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75879PTH-H ONSEMI-LC75879PTH-H Datasheet
359Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
More results

유사한 설명 - LC75879PT

제조업체부품명데이터시트상세설명
logo
Princeton Technology Co...
PT6522 PTC-PT6522 Datasheet
698Kb / 13P
   LCD Display Driver
logo
ON Semiconductor
LC75890W ONSEMI-LC75890W Datasheet
201Kb / 29P
   LCD Display Driver
November, 2013
logo
Finechips
FD2000 FINECHIPS-FD2000 Datasheet
4Mb / 37P
   LCD Display Driver
logo
ON Semiconductor
LC75829PE ONSEMI-LC75829PE Datasheet
207Kb / 22P
   LCD Display Driver
July, 2013
LC75805PE ONSEMI-LC75805PE Datasheet
295Kb / 34P
   LCD Display Driver with LED Driver
December, 2013
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
   4-Digit, LCD Display Driver
logo
Sanyo Semicon Device
LC75841PE SANYO-LC75841PE Datasheet
115Kb / 18P
   General-Purpose LCD Display Driver
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6473 ONSEMI-EN6473 Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
logo
Intersil Corporation
ICM7211AMlM44 INTERSIL-ICM7211AMlM44 Datasheet
223Kb / 9P
   4-Digit, LCD Display Driver
October 22, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com