전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2200 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TSC2200
상세설명  PDA ANALOG INTERFACE CIRCUIT
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2200 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TSC2200 Datasheet HTML 5Page - Texas Instruments TSC2200 Datasheet HTML 6Page - Texas Instruments TSC2200 Datasheet HTML 7Page - Texas Instruments TSC2200 Datasheet HTML 8Page - Texas Instruments TSC2200 Datasheet HTML 9Page - Texas Instruments TSC2200 Datasheet HTML 10Page - Texas Instruments TSC2200 Datasheet HTML 11Page - Texas Instruments TSC2200 Datasheet HTML 12Page - Texas Instruments TSC2200 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
9
www.ti.com
TSC2200
SBAS191F
FIGURE 2. 4-Wire Touch Screen Construction.
FIGURE 3. Pressure Measurement.
OPERATION—TOUCH SCREEN
A resistive touch screen works by applying a voltage across
a resistor network and measuring the change in resistance at
a given point on the matrix where a screen is touched by an
input stylus, pen, or finger. The change in the resistance ratio
marks the location on the touch screen.
The TSC2200 supports the resistive 4-wire configurations
(see Figure 1). The circuit determines location in two coordi-
nate pair dimensions, although a third dimension can be
added for measuring pressure.
THE 4-WIRE TOUCH SCREEN COORDINATE
PAIR MEASUREMENT
A 4-wire touch screen is constructed as shown in Figure 2.
It consists of two transparent resistive layers separated by
insulating spacers.
The 4-wire touch screen panel works by applying a voltage
across the vertical or horizontal resistive network. The A/D
converter converts the voltage measured at the point the
panel is touched. A measurement of the Y-position of the
pointing device is made by connecting the X+ input to a data
converter chip, turning on the Y+ and Y– drivers, and
digitizing the voltage seen at the X+ input. The voltage
measured is determined by the voltage divider developed at
the point of touch. For this measurement, the horizontal
panel resistance in the X+ lead does not affect the conver-
sion due to the high input impedance of the A/D converter.
Voltage is then applied to the other axis, and the A/D
converter converts the voltage representing the X-position on
the screen. This provides the X- and Y-coordinates to the
associated processor.
Measuring touch pressure (Z) can also be done with the
TSC2200. To determine pen or finger touch, the pressure of
the “touch” needs to be determined. Generally, it is not
necessary to have very high performance for this test, there-
fore, the 8-bit resolution mode is recommended (however,
calculations will be shown with the 12-bit resolution mode).
There are several different ways of performing this measure-
ment. The TSC2200 supports two methods. The first method
requires knowing the X-plate resistance, measurement of the
X-position, and two additional cross panel measurements (Z2
and Z1) of the touch screen, as seen in Figure 3. Using
Equation 1 will calculate the touch resistance:
RR
X-Position
4096
Z
Z
–1
TOUCH
X-Plate
2
1
=


(1)
The second method requires knowing both the X-plate and
Y-plate resistance, measurement of X-position and Y-posi-
tion, and Z1. Using Equation 2 will also calculate the touch
resistance:
(2)
RR
X Position
Z
R
Y Position
TOUCH
X Plate
Y Plate
=•


−• −


--
--
4096
4096
11
4096
1
When the touch panel is pressed or touched, and the drivers
to the panel are turned on, the voltage across the touch panel
will often overshoot and then slowly settle (decay) down to a
stable DC value. This is due to mechanical bouncing which
is caused by vibration of the top layer sheet of the touch
panel when the panel is pressed. This settling time must be
accounted for, or else the converted value will be in error.
Therefore, a delay must be introduced between the time the
driver for a particular measurement is turned on, and the time
measurement is made.
Conductive Bar
Insulating
Material
(Glass)
Silver
Ink
Transparent
Conductor (ITO)
Bottom Side
Transparent
Conductor (ITO)
Top Side
X+
X–
Y+
Y–
ITO = Indium Tin Oxide
X-Position
Measure X-Position
Measure Z
1-Position
Touch
X+
Y+
X–
Y–
Z
1-Position
Touch
X+
Y+
Y–
X–
Measure Z
2-Position
Z
2-Position
Touch
X+
Y+
Y–
X–


유사한 부품 번호 - TSC2200

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TSC2200 BURR-BROWN-TSC2200 Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPW BURR-BROWN-TSC2200IPW Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPWR BURR-BROWN-TSC2200IPWR Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
TSC2200IRHB BURR-BROWN-TSC2200IRHB Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
TSC2200IRHBR BURR-BROWN-TSC2200IRHBR Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
More results

유사한 설명 - TSC2200

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
logo
Burr-Brown (TI)
TSC2200 BURR-BROWN-TSC2200 Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
logo
Texas Instruments
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC320AD56 TI1-TLC320AD56 Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC320AC01C TI1-TLC320AC01C_15 Datasheet
449Kb / 92P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC02C TI1-TLC320AC02C_15 Datasheet
482Kb / 86P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com