전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2046IPWR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TSC2046IPWR
상세설명  Low-Voltage I/O TOUCH SCREEN CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2046IPWR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TSC2046IPWR Datasheet HTML 5Page - Texas Instruments TSC2046IPWR Datasheet HTML 6Page - Texas Instruments TSC2046IPWR Datasheet HTML 7Page - Texas Instruments TSC2046IPWR Datasheet HTML 8Page - Texas Instruments TSC2046IPWR Datasheet HTML 9Page - Texas Instruments TSC2046IPWR Datasheet HTML 10Page - Texas Instruments TSC2046IPWR Datasheet HTML 11Page - Texas Instruments TSC2046IPWR Datasheet HTML 12Page - Texas Instruments TSC2046IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TSC2046
SBAS265G − OCTOBER 2002 − REVISED JANUARY 2008
www.ti.com
9
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, +VCC = +2.7V, IOVDD = +1.8V, VREF = External +2.5V, 12-bit mode, PD0 = 0, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz,
unless otherwise noted.
TEMP1 DIODE VOLTAGE vs +V
CC
2.7
3.0
3.3
+V
CC (V)
720
718
716
714
712
710
THEORY OF OPERATION
The TSC2046 is a classic successive approximation
register (SAR) analog-to-digital converter (ADC). The
architecture is based on capacitive redistribution, which
inherently includes a sample-and-hold function. The
converter is fabricated on a 0.6
µm CMOS process.
The basic operation of the TSC2046 is shown in Figure 1.
The device features an internal 2.5V reference and uses
an external clock. Operation is maintained from a single
supply of 2.7V to 5.25V. The internal reference can be
overdriven with an external, low-impedance source
between 1V and +VCC. The value of the reference voltage
directly sets the input range of the converter.
The analog input (X-, Y-, and Z-Position coordinates,
auxiliary input, battery voltage, and chip temperature)
to the converter is provided via a multiplexer. A unique
configuration of low on-resistance touch panel driver
switches allows an unselected ADC input channel to
provide power and the accompanying pin to provide
ground for an external device, such as a touch screen.
By maintaining a differential input to the converter and
a differential reference architecture, it is possible to
negate the error from each touch panel driver switch
on-resistance (if this is a source of error for the
particular measurement).
+V
CC
+V
CC
X+
Y+
X
Y
V
BAT
AUX
B1
C1
D1
E1
G2
G3
G6
E7
G4
G5
A2
A3
A4
A5
A6
B7
C7
D7
DCLK
CS
DIN
BUSY
DOUT
PENIRQ
IOVDD
V
REF
Serial/Conversion Clock
Chip Select
Serial Data In
Converter Status
Serial Data Out
+
1
∝F
to
10
∝F
(Optional)
+2.7V to +5V
TSC2046
Auxiliary Input
To Battery
Voltage
Regulator
Touch
Screen
0.1
∝F
Pen Interrupt
GND
GND
NOTE: VFBGA package and pin names shown.
Figure 1. Basic Operation of the TSC2046


유사한 부품 번호 - TSC2046IPWR

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TSC2046IPWR BURR-BROWN-TSC2046IPWR Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046IPWRG4 BURR-BROWN-TSC2046IPWRG4 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
More results

유사한 설명 - TSC2046IPWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com