전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2301 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TSC2301
상세설명  PROGRAMMABLE TOUCH SCREEN CONTROLLER
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2301 데이터시트(HTML) 4 Page - Texas Instruments

  TSC2301 Datasheet HTML 1Page - Texas Instruments TSC2301 Datasheet HTML 2Page - Texas Instruments TSC2301 Datasheet HTML 3Page - Texas Instruments TSC2301 Datasheet HTML 4Page - Texas Instruments TSC2301 Datasheet HTML 5Page - Texas Instruments TSC2301 Datasheet HTML 6Page - Texas Instruments TSC2301 Datasheet HTML 7Page - Texas Instruments TSC2301 Datasheet HTML 8Page - Texas Instruments TSC2301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
At 25°C, HPV
DD = AVDD = DVDD = +3.3 V, VREF = External 2.5 V, unless otherwise noted.
TSC2301
Parameter
Conditions
Units
Min
Typ
Max
Auxilary Analog Inputs
Input voltage range
0
+VREFIN
V
Input capacitance
25
ρF
Input leakage current
1
µA
Battery Monitor Input
Input voltage range
0
6.0
V
Input capacitance
25
ρF
Input leakage current
±1
µA
Temperature Measurement
Temperature range
-40
+85
°C
Temperature resolution
0.3
°C
Accuracy
±2
°C
Touch Screen A/D Converter
Resolution
Programmable: 8-, 10-,12-Bits
12
Bits
No missing codes
12-bit resolution
10
Bits
Integral linearity
±6
LSB
Offset error
±6
LSB
TSC2301IPAG
±6
Gain error
LSB
TSC2301IGQZ
±10
µV
Noise
<300
RMS
Audio Codec
Sampling frequency
48
kHz
Audio I/O
Audio in
Line, Mic inputs
0.15* AVDD
0.65* AVDD
V
Audio out
Line outputs
0.15* AVDD
0.65* AVDD
V
ADC performance measured using
Audio ADC
Fs = 48 kHz
Signal-to-noise ratio, A-weighted
No input
80
88
dB
Total harmonic distortion
1 kHz, -0.5 dB input
-70
-60
dB
0.18*
Full-scale input voltage
Vrms
AVDD
Transition band
0.45 Fs
0.55 Fs
Hz
Stop band
0.55 Fs
127 Fs
Hz
Stop band rejection
70dB
DAC performance measured at Line
Audio DAC
Outputs using Fs = 48 kHz
0.18*
Full-scale output voltage
Vrms
AVDD
Signal-to-noise ratio, A-weighted
No input
98
dB
Total harmonic distortion
1-kHz, 0-dB input
-100
dB
Frequency response
20
0.45 Fs
Hz
Transition band
0.45 Fs
0.55 Fs
Hz
Stop band
0.55 Fs
3.5 Fs
Hz
Stop band rejection
65
dB
DAC playback through headphone
Headphone Driver
driver
4


유사한 부품 번호 - TSC2301

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IGQZ TI-TSC2301IGQZ Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IGQZR TI-TSC2301IGQZR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAG TI-TSC2301IPAG Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAGR TI-TSC2301IPAGR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results

유사한 설명 - TSC2301

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com