전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2301IPAGR 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TSC2301IPAGR
상세설명  PROGRAMMABLE TOUCH SCREEN CONTROLLER
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2301IPAGR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TSC2301IPAGR Datasheet HTML 7Page - Texas Instruments TSC2301IPAGR Datasheet HTML 8Page - Texas Instruments TSC2301IPAGR Datasheet HTML 9Page - Texas Instruments TSC2301IPAGR Datasheet HTML 10Page - Texas Instruments TSC2301IPAGR Datasheet HTML 11Page - Texas Instruments TSC2301IPAGR Datasheet HTML 12Page - Texas Instruments TSC2301IPAGR Datasheet HTML 13Page - Texas Instruments TSC2301IPAGR Datasheet HTML 14Page - Texas Instruments TSC2301IPAGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
www.ti.com
98
98.125
98.25
98.375
98.5
98.625
98.75
98.875
99
–60
–40
–20
0
20
40
60
80
100
Temperature (5C)
–72.000
–71.000
–70.000
–69.000
–68.000
–67.000
–66.000
–65.000
–64.000
–63.000
–62.000
–60
–40 –20
0
20
40
60
80
100
Temperature (5C)
83
84
85
86
87
88
89
90
–60
–40
–20
0
20
40
60
80
100
Temperature (5C)
–103.0
–102.0
–101.0
–100.0
–99.0
–98.0
–60
–40 –20
0
20
40
60
80
100
Temperature (5C)
93
94
95
96
97
98
–60
–40
–20
0
20
40
60
80
100
Temperature (5C)
93
94
95
96
97
98
–60
–40
–20
0
20
40
60
80
100
Temperature (5C)
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, +VDD = +3.3 V, VREF = +2.5 V, fSAMPLE = 125 kHz, unless otherwise noted.
SNR OF DAC (LINEOUT)
THD OF ADC (LINEIN)
SNR OF ADC (LINEIN)
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 13.
Figure 14.
Figure 15.
THD OF DAC (HP DRIVER),
SNR OF DAC (HP DRIVER)
THD OF BYPASS PATH
32-
Ω LOAD
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 16.
Figure 17.
Figure 18.
11


유사한 부품 번호 - TSC2301IPAGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2301IPAGR TI-TSC2301IPAGR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results

유사한 설명 - TSC2301IPAGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com