전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2046IPWRG4 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TSC2046IPWRG4
상세설명  Low-Voltage I/O TOUCH SCREEN CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2046IPWRG4 데이터시트(HTML) 4 Page - Texas Instruments

  TSC2046IPWRG4 Datasheet HTML 1Page - Texas Instruments TSC2046IPWRG4 Datasheet HTML 2Page - Texas Instruments TSC2046IPWRG4 Datasheet HTML 3Page - Texas Instruments TSC2046IPWRG4 Datasheet HTML 4Page - Texas Instruments TSC2046IPWRG4 Datasheet HTML 5Page - Texas Instruments TSC2046IPWRG4 Datasheet HTML 6Page - Texas Instruments TSC2046IPWRG4 Datasheet HTML 7Page - Texas Instruments TSC2046IPWRG4 Datasheet HTML 8Page - Texas Instruments TSC2046IPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TSC2046
SBAS265G − OCTOBER 2002 − REVISED JANUARY 2008
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V (continued)
At TA = −40°C to +85°C, +VCC = +2.7V, VREF = 2.5V internal voltage, fSAMPLE = 125kHz, fCLK = 16 • fSAMPLE = 2MHz, 12-bit mode, digital
inputs = GND or IOVDD, and +VCC must be ≥ IOVDD, unless otherwise noted.
TSC2046
PARAMETER
UNITS
MAX
TYP
MIN
CONDITION
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Capacitance
All Digital Control Input Pins
5
15
pF
VIH
| IIH | ≤ +5µA
IOVDD
• 0.7
IOVDD + 0.3
V
VIL
| IIL | ≤ +5µA
−0.3
0.3
• IOVDD
V
VOH
IOH = −250µA
IOVDD
• 0.8
V
VOL
IOL = 250µA
0.4
V
Data Format
Straight
Binary
POWER-SUPPLY REQUIREMENTS
+VCC(5)
Specified Performance
2.7
3.6
V
Operating Range
2.2
5.25
V
IOVDD(6)
1.5
+VCC
V
Quiescent Current(7)
Internal Reference Off
280
650
µA
Internal Reference On
780
µA
fSAMPLE = 12.5kHz
220
µA
Power-Down Mode with
3
µA
CS = DCLK = DIN = IOVDD
Power Dissipation
+VCC = +2.7V
1.8
mW
TEMPERATURE RANGE
Specified Performance
−40
+85
°C
(1) LSB means Least Significant Bit. With VREF = +2.5V, one LSB is 610µV.
(2) Assured by design, but not tested. Exceeding 50mA source current may result in device degradation.
(3) Difference between TEMP0 and TEMP1 measurement, no calibration necessary.
(4) Temperature drift is −2.1mV/°C.
(5) TSC2046 operates down to 2.2V.
(6) IOVDD must be ≤ (+VCC).
(7) Combined supply current from +VCC and IOVDD. Typical values obtained from conversions on AUX input with PD0 = 0.


유사한 부품 번호 - TSC2046IPWRG4

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TSC2046IPWRG4 BURR-BROWN-TSC2046IPWRG4 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
More results

유사한 설명 - TSC2046IPWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com