전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSB81BA3DPFPG4 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TSB81BA3DPFPG4
상세설명  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3DPFPG4 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TSB81BA3DPFPG4 Datasheet HTML 7Page - Texas Instruments TSB81BA3DPFPG4 Datasheet HTML 8Page - Texas Instruments TSB81BA3DPFPG4 Datasheet HTML 9Page - Texas Instruments TSB81BA3DPFPG4 Datasheet HTML 10Page - Texas Instruments TSB81BA3DPFPG4 Datasheet HTML 11Page - Texas Instruments TSB81BA3DPFPG4 Datasheet HTML 12Page - Texas Instruments TSB81BA3DPFPG4 Datasheet HTML 13Page - Texas Instruments TSB81BA3DPFPG4 Datasheet HTML 14Page - Texas Instruments TSB81BA3DPFPG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
TSB81BA3D, TSB81BA3DI
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SLLS559E − DECEMBER 2002 − REVISED JUNE 2006
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
TYP
MAX
UNIT
Supply voltage 3 3 V
Source power node
3.0
3.3
3.6
V
Supply voltage, 3.3 VDD
Nonsource power node
3.0
3.3
3.6
V
Supply voltage, Core VDD
1.85
1.95
2.05
V
LREQ, CTL0, CTL1, D0−D7, LCLK
2.6
High-level input voltage, VIH
LKON/DS2, PC0, PC1, PC2, PD, BMODE
0.7
×VDD
V
High level input voltage, VIH
RESETz
0.6
×VDD
V
LREQ, CTL0, CTL1, D0−D7, LCLK
1.2
V
Low-level input voltage, VIL
LKON/DS2, PC0, PC1, PC2, PD, BMODE
0.2
×VDD
Low level input voltage, VIL
RESETz
0.3
×VDD
1394b Differential output voltage, VOD
700
mV
1394b Common−mode voltage, VCM
1.5
V
Supply current in low power/suspend,
IDD¶
VDD = 3.3 V
4
mA
Supply current in low power/suspend,
Core, IDD¶
VDD = 3 V
3
mA
Output current, IOL/OH
CTL0, CTL1, D0−D7, CNA, LKON/DS2, PINT, and
PCLK
−4
4
mA
Output current, IO
TPBIAS outputs
−5.6
1.3
mA
R
19
°C/W
TA = 70°C
84.1
RθJA = 19°C/W
TA = 85°C
99.1
Maximum junction temperature, TJ
(see R
values listed in thermal
R
31 5
_C/W
TA = 70°C
93.3
°C
(see RθJA values listed in thermal
characteristics table)
RθJA = 31.5 _C/W
TA = 85°C
108.4
°C
characteristics table)
R
49 2
_C/W
TA = 70°C
106.4
RθJA = 49.2 _C/W
TA = 85°C
121.5
1394b Differential input voltage, VID
Cable inputs, during data reception
200
800
mV
1394a Differential input voltage V
Cable inputs, during data reception
118
260
mV
1394a Differential input voltage, VID
Cable inputs, during arbitration
168
265
mV
1394a Common mode input voltage V
TPB cable inputs, source power node
0.4706
2.515
V
1394a Common-mode input voltage, VIC
TPB cable inputs, nonsource power node
0.4706
2.015
V
Power-up reset time, tpu
RESETz input
2§
ms
TPA, TPB cable inputs, S100 operation
±1.08
Receive input jitter
TPA, TPB cable inputs, S200 operation
±0.5
ns
Receive input jitter
TPA, TPB cable inputs, S400 operation
±0.315
ns
Between TPA and TPB cable inputs, S100 operation
±0.8
Receive input skew
Between TPA and TPB cable inputs, S200 operation
±0.55
ns
p
Between TPA and TPB cable inputs, S400 operation
±0.5
All typical values are at VDD = 3.3 V and TA = 25°C.
For a node that does not source power; see Section 4.2.2.2 in IEEE 1394a−2000.
§ Time after valid clock received at PHY XI input terminal.
The low power/suspend mode assumes that the device is not receiving packets and it is toning.


유사한 부품 번호 - TSB81BA3DPFPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB81BA3DPFP TI-TSB81BA3DPFP Datasheet
846Kb / 59P
[Old version datasheet]   IEEE 139b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

유사한 설명 - TSB81BA3DPFPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com