전자부품 데이터시트 검색엔진 |
|
U.FL-LP-062 데이터시트(PDF) 4 Page - Hirose Electric |
|
U.FL-LP-062 데이터시트(HTML) 4 Page - Hirose Electric |
4 / 7 page 4 Part No. Mated Height Applicable cable Weight (mg) 2.5mm Max. 2.5mm Max. 2.0mm Max. 2.4mm Max. 2.4mm Max. (2.4mm Nom.) (2.4mm Nom.) (1.9mm Nom.) (2.3mm Nom.) (2.3mm Nom.) Dia. 0.81mm Dia. 0.81mm Dia. 1mm Dia. 1.37mm Coaxial cable Coaxial cable Coaxial cable Coaxial cable 53.7 59.1 34.8 45.5 71.7 Dia. 1.13mm and Dia. 1.32mm Coaxial cable sCable Assembly (Plug) qCable Guide U.FL-LP-040 U.FL-LP-062 U.FL-LP-088 Dia.0.81mm Coaxial Cable 04 7/0.05 SA (AWG36) Dia.0.40 PFA Single Shield SA Dia.0.81 PFA 50 ohms 6.45dB/m 9.42dB/m Dia.1.13mm Coaxial Cable 068 7/0.08 SA (AWG32) Dia.0.68 FEP Single Shield SA[TA] Dia.1.13 FEP 50 ohms 3.43dB/m [3.73dB/m] 5.13dB/m [5.44dB/m] Dia.1.32mm Coaxial Cable 066 7/0.08 SA (AWG32) Dia.0.66 FEP Double Shield TA Dia.1.32 FEP 50 ohms 3.8dB/m 5.6dB/m Dia.1mm Coaxial Cable 062 7/0.071 SA (AWG33) Dia.0.62 FEP Tape, single Shield TAT Dia.1 FEP 50 ohms 3.1dB/m 4.4dB/m Dia.1.37mm Coaxial Cable (data as provided by cable suppliers, for reference only) * SA : Silver plated annealed copper wire, TA : Tin plated annealed copper wire, TAT : Tin plated copper wire alloyed with tin 088 7/0.102 SA (AWG30) Dia.0.88 FEP Single Shield TA Dia.1.37 FEP 50 ohms 2.8dB/m 4.3dB/m Description Cable Type Cable Specification Inner Conductor* Dielectric Diameter Outer Conductor* Jacket Diameter Nominal Impedance Nominal attenuation At 3GHz At 6GHz 4 5 U.FL-LP-066 4 U.FL-LP(V)-040 3.4 4 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
유사한 부품 번호 - U.FL-LP-062 |
|
유사한 설명 - U.FL-LP-062 |