전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8182 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 CS8182
상세설명  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182 데이터시트(HTML) 2 Page - ON Semiconductor

  CS8182_16 Datasheet HTML 1Page - ON Semiconductor CS8182_16 Datasheet HTML 2Page - ON Semiconductor CS8182_16 Datasheet HTML 3Page - ON Semiconductor CS8182_16 Datasheet HTML 4Page - ON Semiconductor CS8182_16 Datasheet HTML 5Page - ON Semiconductor CS8182_16 Datasheet HTML 6Page - ON Semiconductor CS8182_16 Datasheet HTML 7Page - ON Semiconductor CS8182_16 Datasheet HTML 8Page - ON Semiconductor CS8182_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CS8182
www.onsemi.com
2
PACKAGE PIN DESCRIPTION
Package Lead Number
Lead Symbol
Function
SO−8
D2PAK 5−PIN
DPAK 5−PIN
8
1
1
VIN
Input Voltage
1
2
2
VOUT
Regulated Output
2, 3, 6, 7
3
3
GND
Ground
4
4
4
Adj
Adjust Lead
5
5
5
VREF/ENABLE
Reference Voltage and ENABLE Input
MAXIMUM RATINGS
Rating
Value
Unit
Storage Temperature Range
−65 to +150
°C
Junction Temperature
+150
°C
Supply Voltage Range (Continuous)
−16 to 45
V
Peak Transient Voltage (VIN = 14 V, Load Dump Transient = 31 V)
45
V
Voltage Range (Adj, VOUT, VREF/ENABLE)
−10 to +VIN
V
Package Thermal Resistance, SO−8:
Junction−to−Case, RqJC
Junction−to−Air, RqJA
25
80
°C/W
°C/W
Package Thermal Resistance, D2PAK
Junction−to−Case, RqJC
Junction−to−Air, RqJA
4.0
48
°C/W
°C/W
Package Thermal Resistance, DPAK
Junction−to−Case, RqJC
Junction−to−Air, RqJA
8.0
64
°C/W
°C/W
ESD Capability (Human Body Model)
(Machine Model)
2.0
200
kV
V
Lead Temperature Soldering: (Note 1)
(SO−8)
(D2PAK)
(DPAK)
240
225
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. 60 second maximum above 183
°C.
RECOMMENDED OPERATING RANGES
Rating
Value
Unit
Junction Temperature, TJ
−40 to+125
°C
Input Voltage, Continuous VIN
3.4 to 45
V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


유사한 부품 번호 - CS8182_16

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS8182DTG ONSEMI-CS8182DTG Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182DTRKG ONSEMI-CS8182DTRKG Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182YDF8 ONSEMI-CS8182YDF8 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
CS8182YDF8G ONSEMI-CS8182YDF8G Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182YDFR8 ONSEMI-CS8182YDFR8 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
More results

유사한 설명 - CS8182_16

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS8182 ONSEMI-CS8182_09 Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com