전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF1S028-LF 데이터시트(PDF) 1 Page - Bothhand USA, LP.

부품명 LF1S028-LF
상세설명  RJ-45 needs to be matched FCC standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LF1S028-LF 데이터시트(HTML) 1 Page - Bothhand USA, LP.

  LF1S028-LF Datasheet HTML 1Page - Bothhand USA, LP. LF1S028-LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“LAN-MATE” SERIES
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS & FILTER
P/N : LF1S028 LF
Page : 1/2
A4(08/05)
Feature
l
RJ-45 needs to be matched FCC standard
l
RJ-45 connector integrated with Filter.
l
Size same as RJ-45 connector to save PCB Board space.
l
Reduced EMI radiation to improve EMI performance.
l
Comply with RoHS requirements-whole part No Cd, No Hg,
No Cr6+, No PBB and PBDE and No Pb on external pins.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk Attenuation
(dB Min) TX/RX
Part
Number
TX
RX
CUT OFF Frequency
(TX/RX)
1–10MHz
HI-POT
(Vrms)
LF1S028 LF
1CT:1.41
1CT:1CT
17 MHz±1.5 MHz
-30/-30
1200
Continue
Insertion Loss
(dB Max) TX/RX
Return Loss
(dB Min) TX/RX
Attenuation
(dB Min) TX/RX
CMR
(dB Min) TX/RX
Part
Number
1-10MHz
5-10MHz
20MHz
25MHz
30MHz
40MHz
30-100MHz
LF1S028 LF
-1.15
-16
-5/-4.2
-18/-11
-28/-16
-33/-26
-30/-30
Schematic
Bothhand USA
email:sales@bothhandusa.com
tel: 978-887-8050
462 Boston St,
Topsfield, MA 01983
http://www.bothhandUSA.com
email:sales@bothhandusa.com
tel: 978-887-8050
fax: 978-887-5434


유사한 부품 번호 - LF1S028-LF

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
LF1S028 BOTHHAND-LF1S028 Datasheet
378Kb / 3P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTERS
LF1S028 BOTHHAND-LF1S028 Datasheet
214Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTER
LF1S028LF BOTHHAND-LF1S028LF Datasheet
175Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS & FILTER
More results

유사한 설명 - LF1S028-LF

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
LU1S041-LF BOTHHAND-LU1S041-LF Datasheet
173Kb / 2P
   RJ-45 needs to be matched FCC standard
LA1T109-43-LF BOTHHAND-LA1T109-43-LF Datasheet
190Kb / 2P
   RJ-45 needs to be matched FCC standard
LA4S109-LF BOTHHAND-LA4S109-LF Datasheet
189Kb / 2P
   RJ-45 needs to be matched FCC standard
LU1S041A-LF BOTHHAND-LU1S041A-LF Datasheet
184Kb / 2P
   RJ-45 needs to be matched FCC standard
KLA1T109-43-LF BOTHHAND-KLA1T109-43-LF Datasheet
228Kb / 2P
   RJ-45 needs to be matched FCC standard
KLU1T516-43-LF BOTHHAND-KLU1T516-43-LF Datasheet
229Kb / 2P
   RJ-45 needs to be matched FCC standard
logo
WAGO Kontakttechnik Gmb...
289-172 WAGO-289-172 Datasheet
149Kb / 5P
   Interface module; RJ-45; RJ-45; Cat. 5; in mounting carrier
22.11.2021
logo
Sanyo Semicon Device
10TPB68MC SANYO-10TPB68MC Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
logo
PCA ELECTRONICS INC.
EPJ9303-F2 PCA-EPJ9303-F2_15 Datasheet
66Kb / 1P
   RJ-45 Filter Port Jacks
EPJ9090-S9 PCA-EPJ9090-S9_15 Datasheet
31Kb / 1P
   RJ-45 Filter Port Jacks
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com