전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4816DY-T1-E3 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI4816DY-T1-E3
상세설명  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4816DY-T1-E3 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI4816DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4816DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4816DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4816DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4816DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4816DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4816DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4816DY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Si4816DY
Vishay Siliconix
www.vishay.com
4
Document Number: 71121
S-41697—Rev. E, 20-Sep-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
CHANNEL-1
0.00
0.01
0.02
0.03
0.04
0.05
0
2
468
10
On-Resistance vs. Gate-to-Source Voltage
VGS -- Gate-to-Source Voltage (V)
ID =10 A
0.001
0
1
100
40
60
10
0.1
Single Pulse Power, Junction-to-Ambient
Time (sec)
20
80
--1.0
--0.8
--0.6
--0.4
--0.2
--0.0
0.2
0.4
0.6
--50
--25
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ = 150_C
ID = 250 mA
40
10
1
2
1
0.1
0.01
10--4
10--3
10--2
10--1
1
10
600
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ -- Temperature (_C)
Source-Drain Diode Forward Voltage
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
VSD -- Source-to-Drain Voltage (V)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 100_C/W
3. TJM -- TA =PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
100
TJ =25_C
0.01


유사한 부품 번호 - SI4816DY-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4816DY VISHAY-SI4816DY Datasheet
143Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4816DY VISHAY-SI4816DY_V01 Datasheet
143Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results

유사한 설명 - SI4816DY-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com