전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5435DC-T1 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI5435DC-T1
상세설명  P-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5435DC-T1 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI5435DC-T1 Datasheet HTML 1Page - Vishay Siliconix SI5435DC-T1 Datasheet HTML 2Page - Vishay Siliconix SI5435DC-T1 Datasheet HTML 3Page - Vishay Siliconix SI5435DC-T1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si5435DC
Vishay Siliconix
www.vishay.com
2-2
Document Number: 71144
S-21251—Rev. B, 05-Aug-02
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID = --250 mA
--1
V
Gate-Body Leakage
IGSS
VDS =0 V, VGS = 20 V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS =--24 V, VGS =0 V
--1
mA
Zero Gate Voltage Drain Current
IDSS
VDS =--24 V, VGS =0 V, TJ =85_C
--5
mA
On-State Drain Currenta
ID(on)
VDS --5 V, VGS =--10 V
--30
A
Drain Source On State Resistancea
rDS( )
VGS =--10 V, ID =--4.1 A
0.042
0.050
Drain-Source On-State Resistancea
rDS(on)
VGS =--4.5 V, ID =--3.1 A
0.070
0.080
Forward Transconductancea
gfs
VDS =--15 V, ID =--4.1 A
8
S
Diode Forward Voltagea
VSD
IS =--1.1 A, VGS =0 V
--0.8
--1.2
V
Dynamicb
Total Gate Charge
Qg
16
24
Gate-Source Charge
Qgs
VDS =--15 V, VGS =--10 V, ID =--4.1 A
3.6
nC
Gate-Drain Charge
Qgd
3.1
Turn-On Delay Time
td(on)
11
20
Rise Time
tr
VDD =--15 V,RL =15 Ω
5
10
Turn-Off Delay Time
td(off)
VDD = --15 V, RL = 15 Ω
ID ≅ --1 A, VGEN =--10 V, RG =6 Ω
40
80
ns
Fall Time
tf
20
40
Source-Drain Reverse Recovery Time
trr
IF = --1.1 A, di/dt = 100 A/ms
30
60
Notes
a.
Pulse test; pulse width ≤ 300 ms, duty cycle ≤ 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
6
12
18
24
30
0
123
456
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS = 10thru6V
TC =--55_C
125_C
4V
25_C
Output Characteristics
Transfer Characteristics
VDS -- Drain-to-Source Voltage (V)
VGS -- Gate-to-Source Voltage (V)
3V
5V


유사한 부품 번호 - SI5435DC-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5435BDC VISHAY-SI5435BDC Datasheet
94Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 18-Oct-04
SI5435BDC VISHAY-SI5435BDC Datasheet
203Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 12-Dec-05
SI5435BDC VISHAY-SI5435BDC Datasheet
212Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Feb-09
SI5435BDC-T1-E3 VISHAY-SI5435BDC-T1-E3 Datasheet
94Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 18-Oct-04
SI5435BDC-T1-GE3 VISHAY-SI5435BDC-T1-GE3 Datasheet
212Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Feb-09
More results

유사한 설명 - SI5435DC-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com