전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA8630MC-AH 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 LA8630MC-AH
상세설명  Low Voltage and Current Dissipation Compandor IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA8630MC-AH 데이터시트(HTML) 5 Page - ON Semiconductor

  LA8630MC-AH Datasheet HTML 1Page - ON Semiconductor LA8630MC-AH Datasheet HTML 2Page - ON Semiconductor LA8630MC-AH Datasheet HTML 3Page - ON Semiconductor LA8630MC-AH Datasheet HTML 4Page - ON Semiconductor LA8630MC-AH Datasheet HTML 5Page - ON Semiconductor LA8630MC-AH Datasheet HTML 6Page - ON Semiconductor LA8630MC-AH Datasheet HTML 7Page - ON Semiconductor LA8630MC-AH Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LA8630MC
www.onsemi.com
5
Test Circuit
Summary of Compandor
(1) Operation
< for example >
VREF = 100mV
K = IO
VINC = 1mV
(-40dB)
VOUTC =
10
1
10
1
3
≈ 10mV = -20dB
VINE = 10mV
VOUTE = (1010
-3)2  10 = 1mV = -40dB
VOUTC =
K
/
C
VIN
VINE = VOUTC
VOUTE = KVINE
2 = K
K
C
VIN
= VINC
At reference level (VREF) VINC = VOUTC, VINE = VOUTE
VINC < VREF Compressor → Amplifier
VINE < VREF Expandor → Attenuator
VINC > VREF Compressor →Attenuator
VINE > VREF Expandor → Amplifier
34k
Ω
0.22
μF
16
SW14
RECTIFIER
VCA
15
14
13
12
11
10
9
2.2
μF
4.7
μF
VCC
10k
Ω
+
-
30k
Ω
30k
Ω
30k
Ω
50k
Ω
7.2k
Ω
1
2
3
4
5
6
7
8
REGULATOR
30k
Ω
34k
Ω
RECTIFIER
VCA
10k
Ω
SUM AMP
SUM AMP
50k
Ω
50k
Ω
50k
Ω
50k
Ω
GND
50k
Ω
3k
Ω
OP AMP
(WITH MUTE)
1
μF
2.2
μF
10
μF
1
μF
A-SW
OP AMP
TP16
SW13
0.1
μF
TP12
620
Ω
SW12
SW15
620
Ω
TP13
2.2
μF
200k
Ω
SW10
SW11
TP10
TP11
100
μF
TP1
620
Ω
SW1
SW2
2.2
μF
10k
Ω
SW3
200k
Ω
TP3
SW3
47k
Ω
SW3
SW3
1k
Ω
SW7
SW8
Compressor
Expandor
VINC
VINE
VOUTC
VOUTE
VINC
K
KVINE
2
Compressor
Expandor
1mV
(-40dB)
10mV
1mV
(-20dB)
(-20dB)
(-40dB)
10mV


유사한 부품 번호 - LA8630MC-AH

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA8630M SANYO-LA8630M Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
More results

유사한 설명 - LA8630MC-AH

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
logo
TOKO, Inc
TK10651 TOKO-TK10651 Datasheet
124Kb / 12P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575_16 Datasheet
232Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575 ONSEMI-SA575 Datasheet
126Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Micross Components
AS58C1001 MICROSS-AS58C1001 Datasheet
242Kb / 20P
   Low power dissipation, active current
logo
New Japan Radio
NJM2146B NJRC-NJM2146B Datasheet
164Kb / 6P
   VOLTAGE AND CURRENT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com