전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM211 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 LM211
상세설명  Single Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM211 데이터시트(HTML) 5 Page - ON Semiconductor

  LM211_12 Datasheet HTML 1Page - ON Semiconductor LM211_12 Datasheet HTML 2Page - ON Semiconductor LM211_12 Datasheet HTML 3Page - ON Semiconductor LM211_12 Datasheet HTML 4Page - ON Semiconductor LM211_12 Datasheet HTML 5Page - ON Semiconductor LM211_12 Datasheet HTML 6Page - ON Semiconductor LM211_12 Datasheet HTML 7Page - ON Semiconductor LM211_12 Datasheet HTML 8Page - ON Semiconductor LM211_12 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LM211, LM311
http://onsemi.com
5
Figure 9. Response Time for
Various Input Overdrives
Figure 10. Response Time for
Various Input Overdrives
Figure 11. Output Short Circuit Current
Characteristics and Power Dissipation
Figure 12. Output Saturation Voltage
versus Output Current
tTLH, RESPONSE TIME (ms)
tTHL, RESPONSE TIME (ms)
VO, OUTPUT VOLTAGE (V)
IO, OUTPUT CURRENT (mA)
15
10
5.0
0
-5.0
-10
-15
0
-50
-100
0
1.0
2.0
0
1.0
2.0
15
10
5.0
0
-5.0
-10
-15
0
50
100
150
125
100
75
50
25
0
0
5.0
10
15
0.90
0.75
0.60
0.45
0.30
0.15
0
0.90
0.75
0.60
0.45
0.30
0.15
0
0
8.0
16
24
32
40
48
56
TA = +25°C
TA = -55°C
TA = +25°C
TA = +125°C
20 mV
5.0 mV
2.0 mV
Vin
VCC
VO
2.0k
VEE
*
)
20 mV
5.0 mV
2.0 mV
Vin
VCC
VO
2.0k
VEE
*
)
Power Dissipation
Short Circuit Current
VCC = +15 V
VEE = -15 V
TA = +25°C
VCC = +15 V
VEE = -15 V
TA = +25°C
Figure 13. Output Leakage Current
versus Temperature
Figure 14. Power Supply Current
versus Supply Voltage
TA, TEMPERATURE (°C)
VCC-VEE, POWER SUPPLY VOLTAGE (V)
100
10
1.0
0.1
0.01
25
45
65
85
105
125
3.6
3.0
2.4
1.8
1.2
0.6
0
0
5.0
10
15
20
25
30
VCC = +15 V
VEE = -15 V
TA = +25°C
Output VO = +50 V (LM211 only)
Positive Supply - Output Low
Positive and Negative Power Supply - Output H igh


유사한 부품 번호 - LM211_12

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-N TI-LM211-N Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
More results

유사한 설명 - LM211_12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM211 ONSEMI-LM211_05 Datasheet
121Kb / 10P
   Single Comparators
July, 2005 ??Rev. 5
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com