전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2901VDG 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 LM2901VDG
상세설명  Single Supply Quad Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2901VDG 데이터시트(HTML) 4 Page - ON Semiconductor

  LM2901VDG Datasheet HTML 1Page - ON Semiconductor LM2901VDG Datasheet HTML 2Page - ON Semiconductor LM2901VDG Datasheet HTML 3Page - ON Semiconductor LM2901VDG Datasheet HTML 4Page - ON Semiconductor LM2901VDG Datasheet HTML 5Page - ON Semiconductor LM2901VDG Datasheet HTML 6Page - ON Semiconductor LM2901VDG Datasheet HTML 7Page - ON Semiconductor LM2901VDG Datasheet HTML 8Page - ON Semiconductor LM2901VDG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LM339, LM339E, LM239, LM2901, LM2901E, LM2901V, NCV2901, MC3302
www.onsemi.com
4
PERFORMANCE CHARACTERISTICS (VCC = +5.0 Vdc, TA = Tlow to Thigh [Note 6])
Characteristic
Symbol
LM239/339/339E
LM2901/2901E/2901V
/NCV2901
MC3302
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage (Note 7)
VIO
±9.0
±15
±40
mVdc
Input Bias Current (Notes 7, 8)
IIB
400
500
1000
nA
(Output in Analog Range)
Input Offset Current (Note 7)
IIO
±150
±200
±300
nA
Input Common Mode Voltage Range
VICMR
0
VCC
−2.0
0
VCC
−2.0
0
VCC
−2.0
V
Saturation Voltage
Vsat
700
700
700
mV
VI(−) ≥ +1.0 Vdc, VI(+) = 0,
Isink ≤ 4.0 mA
Output Leakage Current
IOL
1.0
1.0
1.0
mA
VI(+) ≥ +1.0 Vdc, VI(−) = 0,
VO = 30 Vdc
Differential Input Voltage
VID
VCC
VCC
VCC
Vdc
All VI ≥ 0 Vdc
6. (LM239) Tlow = −25°C, Thigh = +85°
(LM339, LM339E) Tlow = 0°C, Thigh = +70°C
(MC3302) Tlow = −40°C, Thigh = +85°C
(LM2901, LM2901E) Tlow = −40°C, Thigh = +105°
(LM2901V & NCV2901) Tlow = −40°C, Thigh = +125°C
NCV2901 is qualified for automotive use.
7. At the output switch point, VO ] 1.4 Vdc, RS ≤ 100 W 5.0 Vdc ≤ VCC ≤ 30 Vdc, with the inputs over the full common mode range
(0 Vdc to VCC −1.5 Vdc).
8. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant, independent of the output state.
9. The response time specified is for a 100 mV input step with 5.0 mV overdrive. For larger signals, 300 ns is typical.
Figure 2. Inverting Comparator
with Hysteresis
Figure 3. Noninverting Comparator
with Hysteresis
Vref =
VCC R1
Rref + R1
R2
[ R1 / / Rref
Amount of Hysteresis VH
VH =
R2
R2 + R3
[(VO(max) - VO(min)]
Vref [
VCC R1
Rref + R1
R3
] R1 / / Rref / / R2
VH =
R1 / / Rref
R1/ / Rref + R2
[VO(max) - VO(min)]
R2
Rref / / R1
+ VCC
Vin
Vref
+ VCC
+ VCC
Vin
Vref
Rref
Rref
-
+
-
+
VO
VO
10k
R1
R2
R3
10 k
1.0 M
R3
R2
1.0 M
10 k
R1
10 k
10 k


유사한 부품 번호 - LM2901VDG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM2901VDG ONSEMI-LM2901VDG Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM2901VDG ONSEMI-LM2901VDG Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
More results

유사한 설명 - LM2901VDG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
NCV2901DTBR2G ONSEMI-NCV2901DTBR2G Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
   QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com