전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM324NG 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 LM324NG
상세설명  Single Supply Quad Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM324NG 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button LM324NG Datasheet HTML 4Page - ON Semiconductor LM324NG Datasheet HTML 5Page - ON Semiconductor LM324NG Datasheet HTML 6Page - ON Semiconductor LM324NG Datasheet HTML 7Page - ON Semiconductor LM324NG Datasheet HTML 8Page - ON Semiconductor LM324NG Datasheet HTML 9Page - ON Semiconductor LM324NG Datasheet HTML 10Page - ON Semiconductor LM324NG Datasheet HTML 11Page - ON Semiconductor LM324NG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LM324, LM324A, LM324E, LM224, LM2902, LM2902E, LM2902V, NCV2902
www.onsemi.com
8
2
1
R1
TBP
R1 + R2
R1
R1 + R2
eo
e1
e2
eo = C (1 + a + b) (e2 - e1)
R1
a R1
b R1
R
-
+
+
-
-
+
R
+
-
R1
R2
VO
Vref
Vin
VOH
VO
VOL
VinL =
R1
(VOL - Vref) + Vref
VinH =
(VOH - Vref) + Vref
H =
R1 + R2
(VOH - VOL)
R1
-
+
-
+
-
+
R
C
R2
R1
R3
C1
100 k
R
C
R
C1
R2
100 k
Vin
Vref
Vref
Vref
Vref
Bandpass
Output
fo =2 p RC
R1 = QR
R2 =
R3 = TN R2
C1 = 10C
1
Notch Output
Vref =VCC
Hysteresis
1
C
R
VinL
VinH
Vref
Where:TBP =Center Frequency Gain
Where:
TN =Passband Notch Gain
R = 160 k
W
C = 0.001
mF
R1 = 1.6 M
W
R2 = 1.6 M
W
R3 = 1.6 M
W
For:fo =1.0 kHz
For:
Q= 10
For:
TBP = 1
For:
TN = 1
-
+
MC1403
1/4
LM324
-
+
R1
VCC
VCC
VO
2.5 V
R2
50 k
10 k
Vref
Vref =
VCC
2
5.0 k
R
C
R
C
+
-
VO
2
p RC
1
For: fo = 1.0 kHz
R = 16 k
W
C = 0.01
mF
VO = 2.5 V
1 +
R1
R2
1
VCC
fo =
1/4
LM324
1/4
LM324
1/4
LM324
1/4
LM324
1
C
R
1/4
LM324
1/4
LM324
1/4
LM324
1/4
LM324
1/4
LM324
Figure 11. Voltage Reference
Figure 12. Wien Bridge Oscillator
Figure 13. High Impedance Differential Amplifier
Figure 14. Comparator with Hysteresis
Figure 15. Bi−Quad Filter


유사한 부품 번호 - LM324NG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM324NG ONSEMI-LM324NG Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results

유사한 설명 - LM324NG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com