전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST12LP17E-XX8E 데이터시트(PDF) 10 Page - Microchip Technology

부품명 SST12LP17E-XX8E
상세설명  2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP17E-XX8E 데이터시트(HTML) 10 Page - Microchip Technology

Back Button SST12LP17E-XX8E Datasheet HTML 6Page - Microchip Technology SST12LP17E-XX8E Datasheet HTML 7Page - Microchip Technology SST12LP17E-XX8E Datasheet HTML 8Page - Microchip Technology SST12LP17E-XX8E Datasheet HTML 9Page - Microchip Technology SST12LP17E-XX8E Datasheet HTML 10Page - Microchip Technology SST12LP17E-XX8E Datasheet HTML 11Page - Microchip Technology SST12LP17E-XX8E Datasheet HTML 12Page - Microchip Technology SST12LP17E-XX8E Datasheet HTML 13Page - Microchip Technology SST12LP17E-XX8E Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
©2014 Silicon Storage Technology, Inc.
DS-70005004G
10/14
10
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
SST12LP17E
Data Sheet
Figure 8: Detector Characteristics versus Output Power
Figure 9: Typical Schematic for High-Efficiency 802.11b/g/n Applications
1426 F8.2
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
10
11
12
13
14
15
16
17
18
19
20
21
22
Output Power (dBm)
Detector Voltage versus Output Power
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz
1426 F9.3
4.7µF
*
50
Ω
RFIN
RFOUT
50
Ω
Vdet
VREG
12LP17E
2X2 8L X2SON
Top View
4
3
2
1
5
6
7
8
VCC
* V
CC1 and VCC2 must
be separated by a short
inductive trace. This can
be replaced by a 1 nH
inductor if prefered.
2mm trace*


유사한 부품 번호 - SST12LP17E-XX8E

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST12LP17A MICROCHIP-SST12LP17A Datasheet
850Kb / 17P
   2.4 GHz WLAN, High-Efficiency Power Amplifier Module
01/27/15
More results

유사한 설명 - SST12LP17E-XX8E

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
logo
Silicon Storage Technol...
SST12LP08A SST-SST12LP08A Datasheet
236Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier Module
logo
Microchip Technology
SST12LP17A MICROCHIP-SST12LP17A Datasheet
850Kb / 17P
   2.4 GHz WLAN, High-Efficiency Power Amplifier Module
01/27/15
SST12LF09 MICROCHIP-SST12LF09 Datasheet
364Kb / 15P
   2.4 GHz High-Gain, High-Efficiency Front-end Module
2013
logo
Silicon Storage Technol...
SST12LF03 SST-SST12LF03 Datasheet
419Kb / 18P
   2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LF02 SST-SST12LF02 Datasheet
239Kb / 2P
   2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com