전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCC600-36U-9P 데이터시트(PDF) 2 Page - Artesyn Technologies

부품명 LCC600-36U-9P
상세설명  600 Watts Conduction Cooling
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARTESYN [Artesyn Technologies]
홈페이지  
Logo ARTESYN - Artesyn Technologies

LCC600-36U-9P 데이터시트(HTML) 2 Page - Artesyn Technologies

  LCC600-36U-9P Datasheet HTML 1Page - Artesyn Technologies LCC600-36U-9P Datasheet HTML 2Page - Artesyn Technologies LCC600-36U-9P Datasheet HTML 3Page - Artesyn Technologies LCC600-36U-9P Datasheet HTML 4Page - Artesyn Technologies LCC600-36U-9P Datasheet HTML 5Page - Artesyn Technologies LCC600-36U-9P Datasheet HTML 6Page - Artesyn Technologies LCC600-36U-9P Datasheet HTML 7Page - Artesyn Technologies LCC600-36U-9P Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LCC600 Data Sheet
Environmental Specifications
Operating temperature range
-40 °C to +85 °C Baseplate temperature
Storage temperature
-40 °C to +85 °C
Humidity
10% to 95%
Altitude
16,402 ft (Operating) / 50,000 ft (Non-Operating)
Shock
MIL-STD-810F 516.5 Procedure I, VI
Vibration
MIL-STD-810F 514.5 Cat. 4, 10
Ingress protection
IP65 (for suffix “-4P”)
MTBF (calculated)
>2M Hrs, 25 °C per SR-332 Issue 3
Electromagnetic immunity
Designed to meet EN61000-4-3, -4, -5, -8, -11 (Level 3); EN61000-4-2 (Level 4); EN60601-1-2 and EN55024
For H suffix, Level 4 for EN61000-4-5
Electrical Specifications
Output
Output rating
See Ordering Information table
Standby output
5.0 Vdc @ 1.5 A Max
Set point
± 0.5%
Factory set point
Total regulation
Main Output: ± 2.0%
5 Vsb: ± 5%
Combined Line / Load / Temperature
Rated load
600 W maximum
600 W from -40 °C to 85 °C Baseplate Temp. Derate output
to 28 W @ 95 °C Baseplate Temp
Minimum load
0 A
For both Main and 5 Vsb Outputs
Output voltage adjust range
See Ordering Information table
Max power limited to 600 W
Output noise
Main Output: 1.0% max p-p
5 Vsb: 60 mV max p-p
Measured with 0.1 μF Ceramic and 10 μF Tantalum Cap,
20 MHz BW
Remote sense
Compensation up to 500 mV
Pin 10: +Vout_RS / Pin4: -Vout_RS
Over current protection
105 - 130% of full load current
Default is Shutdown mode with Auto-retry every 2~4 sec.
Output latches after 20 sec of continuous OCP fault
presence. Restart after latch possible through AC recycle,
Inhibit toggle or through PMBus.
Over voltage protection
125 - 145% Vo, nom Main Output
125 - 130% 5 Vsb
Latching / AC Recyle or Inhibit toggle required for PSU
restart
Over temperature protection
> 95 °C Baseplate temperature
Output Shutdown / Auto-recovery
AC_OK
Open Collector; 0.8 Vdc max / 10 mA
Active low when AC is present
DC_OK
Open Collector; 0.8 Vdc max / 10 mA
Active low when Main Output is within regulation
Remote inhibit
Contact Closure
Pin 19: Open/Float = ON; Close/Ground = OFF
# Units in parallel operation
Qualified up to 5 units in parallel. Consult factory if
more than 5 are required.
Pin 5: IShare pin for main output only.
Output dimming
0-10 Vdc external voltage;
0-100 kOhm external resistance
Consult with productsupport.ep@artesyn.com


유사한 부품 번호 - LCC600-36U-9P

제조업체부품명데이터시트상세설명
logo
PANDUIT CORP.
LCC6-14JAW-L PANDUIT-LCC6-14JAW-L Datasheet
84Kb / 1P
   Copper Lug - Slotted Two-Hole, Long Barrel with Window
LCC6-38DW-L PANDUIT-LCC6-38DW-L Datasheet
92Kb / 1P
   COPPER LUG - TWO-HOLE, LONG BARREL WITH WINDOW
More results

유사한 설명 - LCC600-36U-9P

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
LCC250-12U-4P ARTESYN-LCC250-12U-4P Datasheet
959Kb / 7P
   250 Watts Convection/Conduction Mounting
logo
Mean Well Enterprises C...
PHP-3500-HV MEANWELL-PHP-3500-HV Datasheet
4Mb / 11P
   3500W Conduction Cooling with High Voltage Output
PHP-3500 MEANWELL-PHP-3500 Datasheet
894Kb / 10P
   3500W Conduction Cooling with PFC Switching Supply
UHP-1500 MEANWELL-UHP-1500 Datasheet
324Kb / 7P
   1500W Conduction Cooling with PFC Switching Supply
PHP-3500-HV MEANWELL-PHP-3500-HV_V01 Datasheet
4Mb / 11P
   3500W Conduction Cooling with High Voltage Output
2022-11-28
UHP-2500 MEANWELL-UHP-2500 Datasheet
346Kb / 7P
   2500W Conduction Cooling with PFC Switching Supply
logo
Astec America, Inc
AIF120Y300 ASTEC-AIF120Y300 Datasheet
131Kb / 2P
   600 Watts
logo
NEC
LD7713 NEC-LD7713 Datasheet
54Kb / 6P
   30 GHz, 20 W CW, Conduction Cooling, Mimimum Size
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
   30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
LD7246A NEC-LD7246A Datasheet
44Kb / 4P
   14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com