전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC3303DR2 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC3303DR2
상세설명  Single Supply Quad Operational Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3303DR2 데이터시트(HTML) 5 Page - ON Semiconductor

  MC3303DR2 Datasheet HTML 1Page - ON Semiconductor MC3303DR2 Datasheet HTML 2Page - ON Semiconductor MC3303DR2 Datasheet HTML 3Page - ON Semiconductor MC3303DR2 Datasheet HTML 4Page - ON Semiconductor MC3303DR2 Datasheet HTML 5Page - ON Semiconductor MC3303DR2 Datasheet HTML 6Page - ON Semiconductor MC3303DR2 Datasheet HTML 7Page - ON Semiconductor MC3303DR2 Datasheet HTML 8Page - ON Semiconductor MC3303DR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC3403, MC3303
http://onsemi.com
5
CIRCUIT DESCRIPTION
Figure 2. Inverter Pulse Response
20
ms/DIV
The MC3403/3303 is made using four internally
compensated, two−stage operational amplifiers. The first
stage of each consists of differential input device Q24 and
Q22 with input buffer transistors Q25 and Q21 and the
differential to single ended converter Q3 and Q4. The first
stage performs not only the first stage gain function but also
performs the level shifting and Transconductance reduction
functions. By reducing the Transconductance, a smaller
compensation capacitor (only 5.0 pF) can be employed, thus
saving chip area. The Transconductance reduction is
accomplished by splitting the collectors of Q24 and Q22.
Another feature of this input stage is that the input common
mode range can include the negative supply or ground, in
single supply operation, without saturating either the input
devices or the differential to single−ended converter. The
second stage consists of a standard current source load
amplifier stage.
The output stage is unique because it allows the output to
swing to ground in single supply operation and yet does not
exhibit any crossover distortion in split supply operation.
This is possible because Class AB operation is utilized.
Each amplifier is biased from an internal voltage regulator
which has a low temperature coefficient, thus giving each
amplifier good temperature characteristics as well as
excellent power supply rejection.
Figure 3. Sine Wave Response
Figure 4. Open Loop Frequency Response
1.0
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
50
ms/DIV
AV = 100
*Note Class A B output stage produces distortion less sinewave.
VCC = 15 V
VEE = -15 V
TA = 25°C
Figure 5. Power Bandwidth
Figure 6. Output Swing versus Supply Voltage
f, FREQUENCY (Hz)
1.0 k
10 k
100 k
1.0 M
-5.0
0
5.0
10
15
20
25
30
TA = 25°C
+15 V
-15 V
10 k
VO
-
+
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
VCC AND (VEE), POWER SUPPLY VOLTAGES (V)
0
20
30
10
TA = 25°C


유사한 부품 번호 - MC3303DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC3303DR2 ONSEMI-MC3303DR2 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
MC3303DR2G ONSEMI-MC3303DR2G Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
More results

유사한 설명 - MC3303DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com